Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX887EUK33-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX887EUK33-T
Description  Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX887EUK33-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX887EUK33-T Datasheet HTML 1Page - Maxim Integrated Products MAX887EUK33-T Datasheet HTML 2Page - Maxim Integrated Products MAX887EUK33-T Datasheet HTML 3Page - Maxim Integrated Products MAX887EUK33-T Datasheet HTML 4Page - Maxim Integrated Products MAX887EUK33-T Datasheet HTML 5Page - Maxim Integrated Products MAX887EUK33-T Datasheet HTML 6Page - Maxim Integrated Products MAX887EUK33-T Datasheet HTML 7Page - Maxim Integrated Products MAX887EUK33-T Datasheet HTML 8Page - Maxim Integrated Products MAX887EUK33-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low-Noise, Low-Dropout, 150mA Linear
Regulators with '2982 Pinout
4
_______________________________________________________________________________________
0
50
150
100
200
250
040
60
20
80
100 120 140 160
DROPOUT VOLTAGE vs. LOAD CURRENT
(MAX887_EUK25)
LOAD CURRENT (mA)
TA = +85°C
TA = +25°C
TA = -40°C
0
50
100
150
200
040
60
20
80
100 120 140 160
DROPOUT VOLTAGE vs. LOAD CURRENT
(MAX887_EUK50)
LOAD CURRENT (mA)
TA = +85°C
TA = +25°C
TA = -40°C
70
0
10
20
30
40
50
60
0.01
0.1
1
10
100
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
ILOAD = 50mA
CBP = 0.1
µF
COUT = 10
µF
COUT = 1
µF
10
0.01
010
1
1000
OUTPUT NOISE SPECTRAL DENSITY
vs. FREQUENCY
0.1
1
FREQUENCY (kHz)
100
CBP = 0.01
µF
ILOAD = 10mA
COUT = 10
µF
COUT = 1
µF
80
0
10
20
30
40
50
60
70
0.001
0.01
0.1
OUTPUT NOISE vs. BP CAPACITANCE
BP CAPACITANCE (
µF)
MAX887_EUK50
COUT = 10
µF
ILOAD = 10mA
f = 10Hz to 100kHz
MAX887_EUK30
MAX887_EUK25
0
20
10
40
30
50
60
1
10
100
1000
OUTPUT NOISE vs. LOAD CURRENT
LOAD CURRENT (mA)
MAX887_EUK50
COUT = 10
µF
CBP = 0.01
µF
f = 10Hz to 100kHz
MAX887_EUK30
MAX887_EUK25
2.40
2.45
2.50
2.55
2.60
-40
40
20
0
-20
60
80
100
OUTPUT VOLTAGE vs. TEMPERATURE
(MAX887_EUK25)
TEMPERATURE (°C)
ILOAD = 50mA
4.8
4.9
5.0
5.1
5.2
-40
40
20
0
-20
60
80
100
OUTPUT VOLTAGE vs. TEMPERATURE
(MAX887_EUK50)
TEMPERATURE (°C)
ILOAD = 50mA
0
60
40
20
100
80
180
160
140
120
200
-40
-20
0
20
40
60
80
100
GROUND PIN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
MAX887_EUK50
MAX887_EUK25
ILOAD = 50mA
Typical Operating Characteristics (continued)
(VIN = VOUT(NOMINAL) + 0.5V or 2.5V (whichever is greater), CIN = 1µF, COUT = 1µF, CBP = 0.01µF, TA = +25°C, unless otherwise
noted.)


Similar Part No. - MAX887EUK33-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX887EUK33-T MAXIM-MAX887EUK33-T Datasheet
392Kb / 10P
   Regulators with 2982 Pinout
Rev 2; 1/01
More results

Similar Description - MAX887EUK33-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8878EUK50 MAXIM-MAX8878EUK50 Datasheet
392Kb / 10P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout
Rev 2; 1/01
MAX8877 MAXIM-MAX8877 Datasheet
111Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators with ??982 Pinout
logo
SG Micro Corp
SG2001 SGMICRO-SG2001 Datasheet
586Kb / 11P
   150mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Maxim Integrated Produc...
MAX8867EUK29 MAXIM-MAX8867EUK29 Datasheet
552Kb / 11P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
Rev 3; 7/02
MAX8867 MAXIM-MAX8867 Datasheet
114Kb / 8P
   Low-Noise, Low-Dropout, 150mA Linear Regulators in SOT23
MAX8877EUK30 MAXIM-MAX8877EUK30 Datasheet
392Kb / 10P
   Regulators with 2982 Pinout
Rev 2; 1/01
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com