Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8881EUT50-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8881EUT50-T
Description  12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8881EUT50-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8881EUT50-T Datasheet HTML 4Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 5Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 6Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 7Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 8Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 9Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 10Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 11Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
12V, Ultra-Low-IQ, Low-Dropout
Linear Regulators with POK
______________________________________________________________________________________
11
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)
COMMON DIMENSIONS
SYMBOL
MIN.
MAX.
A
0.70
0.80
D
2.90
3.10
E
2.90
3.10
A1
0.00
0.05
L
0.20
0.40
PKG. CODE
N
D2
E2
e
JEDEC SPEC
b
[(N/2)-1] x e
PACKAGE VARIATIONS
0.25 MIN.
k
A2
0.20 REF.
2.00 REF
0.25±0.05
0.50 BSC
2.30±0.10
10
T1033-1
2.40 REF
0.20±0.05
- - - -
0.40 BSC
1.70±0.10
2.30±0.10
14
T1433-1
1.50±0.10
MO229 / WEED-3
0.40 BSC
- - - -
0.20±0.05
2.40 REF
T1433-2
14
2.30±0.10
1.70±0.10
T633-2
6
1.50±0.10
2.30±0.10
0.95 BSC
MO229 / WEEA
0.40±0.05
1.90 REF
T833-2
8
1.50±0.10
2.30±0.10
0.65 BSC
MO229 / WEEC
0.30±0.05
1.95 REF
T833-3
8
1.50±0.10
2.30±0.10
0.65 BSC
MO229 / WEEC
0.30±0.05
1.95 REF
2.30±0.10
MO229 / WEED-3
2.00 REF
0.25±0.05
0.50 BSC
1.50±0.10
10
T1033-2


Similar Part No. - MAX8881EUT50-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8881EUT50-T MAXIM-MAX8881EUT50-T Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8881EUT50-T MAXIM-MAX8881EUT50-T Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
More results

Similar Description - MAX8881EUT50-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880 MAXIM-MAX8880_07 Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
ams AG
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
ams AG
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Linear Technology
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664 ONSEMI-NCV8664_07 Datasheet
152Kb / 13P
   Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com