Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8881EUT50-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8881EUT50-T
Description  12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8881EUT50-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8881EUT50-T Datasheet HTML 1Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 2Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 3Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 4Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 5Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 6Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 7Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 8Page - Maxim Integrated Products MAX8881EUT50-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
12V, Ultra-Low-IQ, Low-Dropout
Linear Regulators with POK
_______________________________________________________________________________________
5
Detailed Description
The MAX8880/MAX8881 are low-dropout, low-quies-
cent current linear regulators designed primarily for
battery-powered applications (Figure 1). The MAX8880
provides an adjustable output voltage from 1.25V to 5V
using an external resistor-divider. The MAX8881 is
available in factory preset output voltages of 1.8V, 2.5V,
3.3V, and 5V. Both devices have a +1.25V reference,
error amplifier, MOSFET driver, and P-channel pass
transistor (Figure 2).
Low-Dropout Regulator
The 1.25V reference is connected to the error amplifi-
er’s inverting input. The error amplifier compares this
reference with the selected feedback voltage and
amplifies the difference. The MOSFET driver reads the
error signal and applies the appropriate drive to the P-
channel pass transistor. If the feedback voltage is lower
than the reference voltage, the pass-transistor gate is
pulled lower, allowing more current to pass, increasing
the output voltage. If the feedback voltage is higher
than the reference voltage, the pass-transistor gate is
driven higher, allowing less current to pass to the out-
put. The output voltage is fed back through either an
internal resistor voltage divider by externally connect-
ing FB to OUT (MAX8881), or an external resistor net-
work connected to FB (MAX8880). Additional blocks
include an output current limiter, reverse battery pro-
tection, a thermal sensor, shutdown logic, and a POK
comparator to indicate when the output is out of regula-
tion (Figure 2).
Internal P-Channel Pass Transistor
The MAX8880/MAX8881 feature a 2
Ω P-channel MOS-
FET pass transistor. This provides advantages over
similar designs using PNP pass transistors, including
longer battery life. The P-channel MOSFET requires no
base drive, which reduces quiescent current consider-
ably. PNP-based regulators waste considerable current
in dropout when the pass transistor saturates. They
also use high base-drive currents under large loads.
The MAX8880/MAX8881 do not suffer from these prob-
lems and consume only 3.5µA of supply current (see
Typical Operating Characteristics).
Dropout Voltage
A regulator’s minimum input-output differential (or
dropout voltage) determines the lowest usable supply
voltage. In battery-powered systems, this determines
the useful end-of-life battery voltage. Because the
MAX8880/MAX8881 use a P-channel MOSFET pass
transistor, their dropout voltage is RDS(ON) (2
Ω) multi-
plied by the load current (see Electrical Characteristics).
IN
R2*
100k
OUT
FB
GND
C2
4.7
μF
C1
1
μF
SHDN
2.5V TO 12V
REGULATION OK
POK
MAX8881
VIN
VOUT
*OPTIONAL
Figure 1. Standard Application Circuit
PIN
MAX888_ (SOT)
MAX888_ (TDFN)
NAME
FUNCTION
1
4
IN
Input Voltage. Bypass with a 1µF capacitor to GND.
2
2
GND
Ground
3
3
OUT
Output Voltage. Bypass with a 4.7µF capacitor (<0.5
Ω ESR) to GND for load
currents up to 200mA. For load currents up to 40mA, 1µF is acceptable.
41
FB
Feedback Set Point, 1.25V (MAX8880 only). Output sense, connect to OUT
externally (MAX8881 only).
5
5
SHDN
ON/OFF Control. Regulator is ON when V SHDN > 2V. If unused, connect to
IN. If reverse battery protection of the SHDN input is desired, connect a
100k
Ω resistor in series with SHDN.
6
6
POK
POK Output, Open Drain. Low when OUT is out of regulation or in shutdown.
Connect POK to OUT through a high-value resistor for a simple error
EP
Exposed paddle (TDFN only). Connect to the circuit ground plane.
Pin Description


Similar Part No. - MAX8881EUT50-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8881EUT50-T MAXIM-MAX8881EUT50-T Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8881EUT50-T MAXIM-MAX8881EUT50-T Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
More results

Similar Description - MAX8881EUT50-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
MAX8880 MAXIM-MAX8880_07 Datasheet
234Kb / 12P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
19-1679; Rev 2; 12/07
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
ams AG
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Linear Technology
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
ams AG
AS1361 AMSCO-AS1361 Datasheet
646Kb / 13P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
logo
Linear Technology
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
logo
ON Semiconductor
NCV8664 ONSEMI-NCV8664 Datasheet
281Kb / 9P
   Ultra?묹ow Iq Low Dropout Linear Regulator
November, 2006 ??Rev. 1
NCV8664 ONSEMI-NCV8664_07 Datasheet
152Kb / 13P
   Ultra?묹ow Iq Low Dropout Linear Regulator
March, 2007 ??Rev. 7
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com