Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P62CG1R5CF5ST Datasheet(PDF) 1 Page - Dielectric Laboratories, Inc.

Part # P62CG1R5CF5ST
Description  Milli-Cap
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

P62CG1R5CF5ST Datasheet(HTML) 1 Page - Dielectric Laboratories, Inc.

  P62CG1R5CF5ST Datasheet HTML 1Page - Dielectric Laboratories, Inc. P62CG1R5CF5ST Datasheet HTML 2Page - Dielectric Laboratories, Inc. P62CG1R5CF5ST Datasheet HTML 3Page - Dielectric Laboratories, Inc. P62CG1R5CF5ST Datasheet HTML 4Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dielectric Laboratories Inc.
2777 Route 20 East, Cazenovia, NY 13035
Phone: 315-655-8710 Fax: 315-655-8179
Email: sales@dilabs.com Web: http://www.dilabs.com
QUALITY SYSTEMS AS9100, ISO 9001 AND ENVIRONMENTAL SYSTEM ISO 14001 CERTIFIED
1 of 4 
 
 
Milli-Cap
®
 
 
The “Ideal” SMT Capacitor
 
Benefits:
Functional Applications:
0201, 0402, 0502 and 0602 footprints
Increased Usable Bandwidth
Ultra high series resonance
Low loss, High Q
Matching filter applications
Test Equipment
Photonics
SONET
Part Number Identification
P
42
CG
1R5
C
5
S
T
 
 
 
 
Figure 1 P21 (0201) Outline
 
 
Figure 2 P42 (0402), P02 (0502) and P62 (0602) Outline
 
Drawings are not to scale.
Voltage Rating
5 = 50VDC
 
Capacitance
Tolerance
Packaging
Termination
Capacitance
Material
Case Size
Product
P = Milli-Cap
®


Similar Part No. - P62CG1R5CF5ST

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
P62CG1R0C5S KNOWLES-P62CG1R0C5S Datasheet
807Kb / 2P
   Milli-Cap짰 Ideal SMT Capacitor
More results

Similar Description - P62CG1R5CF5ST

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
P21BN300X5S KNOWLES-P21BN300X5S Datasheet
1Mb / 2P
   MILLI-CAP® BROADBAND DATASHEET – BNL VERSION
2020
P_2BN820Z5ST KNOWLES-P_2BN820Z5ST Datasheet
350Kb / 1P
   BROADBAND BLOCKS - MILLI-CAP SMD MILLIMETER WAVE CAPACITOR
2017
logo
Molex Electronics Ltd.
0787881014 MOLEX1-0787881014 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Pegs, without Cap
0787880614 MOLEX1-0787880614 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Plastic Pegs, without Cap
0787880623 MOLEX1-0787880623 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, without Plastic Pegs, with Cap
0787880613 MOLEX1-0787880613 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Plastic Pegs, with Cap
0787881013 MOLEX1-0787881013 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Platic Pegs, with Cap
logo
Winchester Electronics ...
SDKC-89-92 WINCHESTER-SDKC-89-92 Datasheet
45Kb / 1P
   CAP
logo
PHOENIX CONTACT
1785430 PHOENIX-1785430 Datasheet
55Kb / 2P
   Protective cap - PV-C PROTECTION CAP
logo
List of Unclassifed Man...
M210 ETC-M210 Datasheet
153Kb / 4P
   MILLI-OHMETER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com