Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9725CETC Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9725CETC
Description  1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9725CETC Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9725CETC Datasheet HTML 1Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 2Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 3Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 4Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 5Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 6Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 7Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 8Page - Maxim Integrated Products MAX9725CETC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
1V, Low-Power, DirectDrive, Stereo Headphone
Amplifier with Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (MAX9725A–MAX9725D) (continued)
(VDD = 1.5V, VPGND = VSGND = 0V, VSHDN = 1.5V, VSS = VPVSS, C1 = C2 = 1µF, CIN = 1µF, RL = ∞, TA = TMIN to TMAX, unless other-
wise noted. Typical values are at TA = +25
°C.) (See the Functional Diagrams.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RL = 32
Ω, POUT = 12mW, f = 1kHz
0.006
Total Harmonic Distortion Plus
Noise
THD+N
RL = 16
Ω, POUT = 15mW, f = 1kHz
0.015
%
BW = 22Hz to 22kHz
89
Signal-to-Noise Ratio
SNR
RL = 32
Ω, POUT = 12mW
A-weighted filter
92
dB
Slew Rate
SR
0.2
V/µs
Maximum Capacitive Load
CL
No sustained oscillations
150
pF
Crosstalk
XTALK
fIN = 1.0kHz, RL = 32
Ω, POUT = 5mW
100
dB
Into shutdown
72.8
Click-and-Pop Level
KCP
RL = 32
Ω, peak voltage,
A-weighted, 32 samples per
second (Note 4)
Out of shutdown
72.8
dBV
ESD Protection
VESD
Human Body Model (OUTR, OUTL)
±8
kV
ELECTRICAL CHARACTERISTICS (MAX9725E)
(VDD = 1.5V, VPGND = VSGND = 0V, VSHDN = 1.5V, VSS = VPVSS, C1 = C2 = 1µF, CIN = 1µF, RL = 32Ω, RF = 60kΩ, RIN = 10kΩ, TA =
TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.) (See the Functional Diagrams.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR test
0.9
1.8
V
Quiescent Supply Current
IDD
Both channels active
2.3
3.7
mA
TA = +25
°C
0.6
1
Shutdown Current
ISHDN
VSHDN = 0V
TA = -40
°C to +85°C10
µA
Shutdown to Full Operation
tON
180
µs
VIH
VDD = 0.9V to 1.8V
0.7 x VDD
SHDN Thresholds
VIL
VDD = 0.9V to 1.8V
0.3 x VDD
V
SHDN Input Leakage Current
ILEAK
VDD = 0.9V to 1.8V (Note 2)
±1µA
CHARGE PUMP
Oscillator Frequency
fOSC
483
592
687
kHz
AMPLIFIERS
Voltage Gain
AV
(Note 5)
-6.11
-6.07
-6.00
V/V
Minimum Stable Gain
ΔAV
-1.0
V/V
Total Output Offset Voltage
VOS
Input AC-coupled, RL = 32
Ω to GND,
TA = +25
°C (Note 6)
±0.63
±2.1
mV
Input Resistance
RIN
6.3
9.78
14
k
Ω
INR, INL Input Leakage
Current
ILK
±100
nA
Maximum Input Parasitic
Capacitance
CPAR
5pF
VDD = 0.9V to 1.8V, TA = +25
°C
52.9
67.8
fIN = 1kHz
70
Power-Supply Rejection Ratio
PSRR
100mVP-P ripple
(Note 5)
fIN = 20kHz
62
dB


Similar Part No. - MAX9725CETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9725CETC MAXIM-MAX9725CETC Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
More results

Similar Description - MAX9725CETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com