Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8512ETA-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8512ETA-T
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8512ETA-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8512ETA-T Datasheet HTML 1Page - Maxim Integrated Products MAX8512ETA-T Datasheet HTML 2Page - Maxim Integrated Products MAX8512ETA-T Datasheet HTML 3Page - Maxim Integrated Products MAX8512ETA-T Datasheet HTML 4Page - Maxim Integrated Products MAX8512ETA-T Datasheet HTML 5Page - Maxim Integrated Products MAX8512ETA-T Datasheet HTML 6Page - Maxim Integrated Products MAX8512ETA-T Datasheet HTML 7Page - Maxim Integrated Products MAX8512ETA-T Datasheet HTML 8Page - Maxim Integrated Products MAX8512ETA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Ultra-Low-Noise, High PSRR,
Low-Dropout, 120mA Linear Regulators
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = VOUT + 0.5V, CIN = 1µF, COUT = 1µF, CBP = 10nF, TA = +25°C, unless otherwise noted.)
MAX8510
DROPOUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
100
80
60
40
20
30
60
90
120
150
0
0
120
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX8510
DROPOUT VOLTAGE vs. OUTPUT VOLTAGE
OUTPUT (V)
3.0
2.8
2.6
2.4
2.2
50
100
150
200
250
0
2.0
3.2
IOUT = 80mA
MAX8510
GROUND PIN CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
4
3
2
1
150
200
50
100
250
300
350
0
05
IOUT = 120mA
IOUT = 0mA
MAX8510
GROUND PIN CURRENT vs. LOAD CURRENT
LOAD CURRENT (mA)
100
80
60
40
20
40
80
120
160
200
240
0
0
120
VIN = 3.8V
VIN = 5.5V
MAX8510
GROUND PIN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
35
40
45
50
30
-40
85
MAX8510
PSRR vs. FREQUENCY
FREQUENCY (kHz)
1
10
100
0.1
40
50
60
10
20
30
70
80
90
0
0.01
1000
ILOAD = 10mA
CBP = 10nF
MAX8511
PSRR vs. FREQUENCY
FREQUENCY (kHz)
0.1
1
10
100
40
50
60
10
20
30
70
80
90
0
0.01
1000
ILOAD = 10mA
MAX8510
OUTPUT NOISE
MAX8510 toc11
400
μs/div
VIN = 3.8V
ILOAD = 10mA
VNOISE = 11
μVRMS
20
μV/div
MAX8510
OUTPUT NOISE SPECTRAL DENSITY
vs. FREQUENCY
MAX8510 toc12
FREQUENCY (kHz)
0.1
1
10
100
1.E+03
1.E+02
1.E+04
1.E+01
0.01
1000


Similar Part No. - MAX8512ETA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8512EXK-T MAXIM-MAX8512EXK-T Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
More results

Similar Description - MAX8512ETA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
   Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
MAX8863T MAXIM-MAX8863T Datasheet
126Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8873T MAXIM-MAX8873T Datasheet
115Kb / 8P
   Low-Dropout, 120mA Linear Regulators
MAX8863 MAXIM-MAX8863 Datasheet
469Kb / 10P
   Low-Dropout, 120mA Linear Regulators
Rev 4; 7/12
logo
Monolithic Power System...
MP2009 MPS-MP2009 Datasheet
415Kb / 14P
   Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
EV2009EE-00A MPS-EV2009EE-00A Datasheet
113Kb / 4P
   Ultra Low Noise, Low Dropout 120mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com