Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9728AEUD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9728AEUD
Description  60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9728AEUD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9728AEUD Datasheet HTML 1Page - Maxim Integrated Products MAX9728AEUD Datasheet HTML 2Page - Maxim Integrated Products MAX9728AEUD Datasheet HTML 3Page - Maxim Integrated Products MAX9728AEUD Datasheet HTML 4Page - Maxim Integrated Products MAX9728AEUD Datasheet HTML 5Page - Maxim Integrated Products MAX9728AEUD Datasheet HTML 6Page - Maxim Integrated Products MAX9728AEUD Datasheet HTML 7Page - Maxim Integrated Products MAX9728AEUD Datasheet HTML 8Page - Maxim Integrated Products MAX9728AEUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
60mW, DirectDrive, Stereo Headphone
Amplifiers with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to PGND............................................................-0.3V to +6V
PVSS to SVSS .........................................................-0.3V to +0.3V
PGND to SGND .....................................................-0.3V to +0.3V
C1P to PGND..............................................-0.3V to (VDD + 0.3V)
C1N to PGND............................................(PVSS - 0.3V) to +0.3V
PVSS and SVSS to PGND..........................................-6V to +0.3V
IN_ to SGND (MAX9728A)..........................-0.3V to (VDD + 0.3V)
IN_ to SGND (MAX9728B) .............(SVSS - 0.3V) to (VDD + 0.3V)
OUT_ to SVSS (Note 1) ....-0.3V to Min (VDD - SVSS + 0.3V, +9V)
OUT_ to VDD (Note 2) ......+0.3V to Max (SVSS - VDD - 0.3V, -9V)
SHDN to _GND.........................................................-0.3V to +6V
OUT_ Short Circuit to SGND ......................................Continuous
Short Circuit between OUTL and OUTR ....................Continuous
Continuous Input Current into PVSS..................................260mA
Continuous Input Current (any other pin) .........................±20mA
Continuous Power Dissipation (TA = +70°C)
12-Pin TQFN (derate 14.7mW/°C above +70°C) .........1177mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ...........727mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = 5V, PGND = SGND, SHDN = 5V, C1 = C2 = 1µF, RL =
∞, resistive load reference to ground; for MAX9728A gain = -1.5V/V
(RIN = 20k
Ω, RF = 30kΩ); for MAX9728B gain = -1.5V/V (internally set), TA = -40°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C, unless otherwise noted.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Supply Voltage Range
VDD
4.5
5.5
V
Quiescent Current
ICC
3.5
5.5
mA
Shutdown Current
ISHDN
SHDN = SGND = PGND
< 0.1
1
µA
Shutdown to Full Operation
tSON
180
µs
Input Impedance
RIN
MAX9728B, measured at IN_
15
19
25
k
Ω
Output Offset Voltage
VOS
±1.5
±10
mV
VDD = 4.5V to 5.5V
86
f = 1kHz, 100mVP-P
80
Power-Supply Rejection Ratio
PSRR
f = 20kHz, 100mVP-P
65
dB
RL = 32
Ω, THD+N = 1%
30
63
Output Power
POUT
RL = 16
Ω, THD+N = 1%
42
mW
Voltage Gain
AV
MAX9728B (Note 4)
-1.52
-1.5
-1.48
V/V
Channel-to-Channel Gain
Tracking
MAX9728B
±0.15
%
RL = 1k
Ω, VOUT = 2VRMS, fIN = 1kHz
0.003
RL = 32
Ω, POUT = 50mW, fIN = 1kHz
0.02
Total Harmonic Distortion Plus
Noise
THD+N
RL = 16
Ω, POUT = 35mW, fIN = 1kHz
0.04
%
Note 1: OUTR and OUTL should be limited to no more than 9V above SVSS, or above VDD + 0.3V, whichever limits first.
Note 2: OUTR and OUTL should be limited to no more than 9V below VDD, or below SVSS - 0.3V, whichever limits first.


Similar Part No. - MAX9728AEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9728AEUD++ MAXIM-MAX9728AEUD+ Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728AEUD++ MAXIM-MAX9728AEUD+ Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
More results

Similar Description - MAX9728AEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX9724A MAXIM-MAX9724A Datasheet
777Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 3; 3/07
MAX9724A MAXIM-MAX9724A_08 Datasheet
491Kb / 22P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 5; 3/08
MAX9724A MAXIM-MAX9724A_09 Datasheet
418Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifier with Low RF Susceptibility and Shutdown
Rev 6; 3/09
MAX9722A MAXIM-MAX9722A_07 Datasheet
498Kb / 21P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 2; 10/07
MAX9722A MAXIM-MAX9722A Datasheet
627Kb / 20P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com