Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9736AETJ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9736AETJ
Description  Mono/Stereo High-Power Class D Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9736AETJ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9736AETJ Datasheet HTML 1Page - Maxim Integrated Products MAX9736AETJ Datasheet HTML 2Page - Maxim Integrated Products MAX9736AETJ Datasheet HTML 3Page - Maxim Integrated Products MAX9736AETJ Datasheet HTML 4Page - Maxim Integrated Products MAX9736AETJ Datasheet HTML 5Page - Maxim Integrated Products MAX9736AETJ Datasheet HTML 6Page - Maxim Integrated Products MAX9736AETJ Datasheet HTML 7Page - Maxim Integrated Products MAX9736AETJ Datasheet HTML 8Page - Maxim Integrated Products MAX9736AETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Amplifier Slew Rate
2.5
V/μs
Input Amplifier Unity-Gain
Bandwidth
3.5
MHz
AMPLIFIER CHARACTERISTICS
MAX9736A, MAX9736D
16.5
17
17.5
Output Amplifier Gain (Note 8)
AV
MAX9736B
13.1
13.6
14.1
dB
Output Current Limit
3.3
4.6
A
Output Offset
VOS
OUT_+ to OUT_-, TA = +25°C
±2
±10
mV
PVDD = 8V to 28V, TA = +25°C
65
80
Power-Supply Rejection Ratio
PSRR
f = 1kHz, 100mVP-P ripple
67
dB
RL = 8
Ω
8
Stereo
RL = 4
Ω
13
VPVDD = 12V
Mono
RL = 4
Ω
15.5
Stereo
RL = 8
Ω
13.5
VPVDD = 18V
Mono
RL = 4
Ω
27
Stereo
RL = 8
Ω
13.5
MAX9736A Output Power
(THD+N = 1%)
POUT_1%
VPVDD = 24V
Mono
RL = 4
Ω
27
W
RL = 8
Ω
6
Stereo
RL = 4
Ω
11
VPVDD = 12V
Mono
RL = 4
Ω
12
Stereo
RL = 8
Ω
6
VPVDD = 18V
Mono
RL = 4
Ω
12
Stereo
RL = 8
Ω
6
MAX9736B Output Power
(THD+N = 1%)
POUT_1%
VPVDD = 24V
Mono
RL = 4
Ω
12
W
RL = 8
Ω
10
Stereo
RL = 4
Ω
16
VPVDD = 12V
Mono
RL = 4
Ω
19.5
Stereo
RL = 8
Ω
17.5
VPVDD = 18V
Mono
RL = 4
Ω
35
Stereo
RL = 8
Ω
17.5
MAX9736A Output Power
(THD+N = 10%)
POUT_10%
VPVDD = 24V
Mono
RL = 4
Ω
35
W
RL = 8
Ω
7.5
Stereo
RL = 4
Ω
14
VPVDD = 12V
Mono
RL = 4
Ω
15
Stereo
RL = 8
Ω
7.5
VPVDD = 18V
Mono
RL = 4
Ω
15
Stereo
RL = 8
Ω
7.5
MAX9736B Output Power
(THD+N = 10%)
POUT_10%
VPVDD = 24V
Mono
RL = 4
Ω
15
W
ELECTRICAL CHARACTERISTICS (continued)
(VPVDD = 20V, VVS = 5V, VAGND = VPGND = 0V, VMOD = VSHDN = VMUTE = 5V, REGEN = MONO = AGND, C1 = 0.1μF, C2 = 1μF,
RIN_ = 20kΩ and RFB_= 20kΩ, RL = ∞, AC measurement bandwidth 22Hz to 22kHz, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 4, 5)
Mono/Stereo High-Power Class D Amplifier
_______________________________________________________________________________________
3


Similar Part No. - MAX9736AETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9736AETJ++ MAXIM-MAX9736AETJ+ Datasheet
568Kb / 22P
   Mono/Stereo High-Power Class D Amplifier
Rev 1; 10/08
MAX9736AETJ++ MAXIM-MAX9736AETJ+ Datasheet
1Mb / 25P
   Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
MAX9736AETJ/V++ MAXIM-MAX9736AETJ/V+ Datasheet
1Mb / 25P
   Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
More results

Similar Description - MAX9736AETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736 Datasheet
568Kb / 22P
   Mono/Stereo High-Power Class D Amplifier
Rev 1; 10/08
logo
Anpec Electronics Corop...
APA2615 ANPEC-APA2615 Datasheet
660Kb / 28P
   Mono/Stereo High-Power Class-D Amplifier
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736_V01 Datasheet
1Mb / 25P
   Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
logo
Texas Instruments
TLV320AIC3007 TI-TLV320AIC3007 Datasheet
1Mb / 98P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC WITH INTEGRATED MONO CLASS-D AMPLIFIER
TLV320AIC3107 TI-TLV320AIC3107 Datasheet
1Mb / 94P
[Old version datasheet]   LOW-POWER STEREO CODEC WITH INTEGRATED MONO CLASS-D SPEAKER AMPLIFIER
LM48511 TI1-LM48511 Datasheet
997Kb / 28P
[Old version datasheet]   Mono, Class D Audio Power Amplifier
TLV320AIC3107 TI-TLV320AIC3107_15 Datasheet
2Mb / 100P
[Old version datasheet]   TLV320AIC3107 Low-Power Stereo Codec With Integrated Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX9708 MAXIM-MAX9708_13 Datasheet
591Kb / 22P
   20W/40W, Filterless, Spread-Spectrum, Mono/Stereo, Class D Amplifier
Rev 3; 4/13
MAX9709 MAXIM-MAX9709 Datasheet
647Kb / 24P
   25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
   20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com