Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9814ETD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9814ETD
Description  Microphone Amplifier with AGC and Low-Noise Microphone Bias
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9814ETD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9814ETD Datasheet HTML 2Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 3Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 4Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 5Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 6Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 7Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 8Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 9Page - Maxim Integrated Products MAX9814ETD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Microphone Amplifier with AGC and
Low-Noise Microphone Bias
HOLD AND RELEASE TIME
40ms/div
VMICOUT
500mV/div
CCT = 47nF
A/R = VDD
0V
HOLD AND RELEASE TIME
100ms/div
VMICOUT
500mV/div
CCT = 47nF
A/R = UNCONNECTED
0V
Pin Description
PIN
TDFN
NAME
FUNCTION
1CT
Timing Capacitor Connection. Connect a capacitor to CT to control the Attack and Release times
of the AGC.
2
SHDN
Active-Low Shutdown Control
3
CG
Amplifier DC Offset Adjust. Connect a 2.2µF capacitor to GND to ensure zero offset at the output.
4, 11
N.C.
No Connection. Connect to GND.
5VDD
Power Supply. Bypass to GND with a 1µF capacitor.
6
MICOUT
Amplifier Output
7
GND
Ground
8
MICIN
Microphone Noninverting Input
9A/R
Tri-Level Attack and Release Ratio Select. Controls the ratio of attack time to release time for the
AGC circuit.
A/R = GND: Attack/Release Ratio is 1:500
A/R = VDD: Attack/Release Ratio is 1:2000
A/R = Unconnected: Attack/Release Ratio is 1:4000
10
GAIN
Tri-Level Amplifier Gain Control.
GAIN = VDD, gain set to 40dB.
GAIN = GND, gain set to 50dB.
GAIN = Unconnected, uncompressed gain set to 60dB.
12
BIAS
Amplifier Bias. Bypass to GND with a 0.47µF capacitor.
13
MICBIAS
Microphone Bias Output
14
TH
AGC Threshold Control. TH voltage sets gain control threshold. Connect TH to MICBIAS to disable
the AGC.
EP
Exposed Pad. Connect the TDFN EP to GND.
Typical Operating Characteristics (continued)
(VDD = 5V, CCT = 470nF, CCG = 2.2µF, VTH = VMICBIAS x 0.4, GAIN = VDD (40dB), AGC disabled, no load, RL = 10k
Ω, COUT = 1µF,
TA = +25°C, unless otherwise noted.)
MAX9814
6
Maxim Integrated


Similar Part No. - MAX9814ETD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9814ETD+T MAXIM-MAX9814ETD+T Datasheet
337Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 0; 3/07
MAX9814ETD+T MAXIM-MAX9814ETD+T Datasheet
309Kb / 14P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
Rev 2; 6/09
MAX9814ETD+T MAXIM-MAX9814ETD+T Datasheet
1Mb / 13P
   Microphone Amplifier with AGC and Low-Noise Microphone Bias
19-0764; Rev 3; 8/16
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 15 MAX9814ETD/V+T** ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com