Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13030EETE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX13030EETE
Description  6-Channel High-Speed Logic-Level Translators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13030EETE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX13030EETE Datasheet HTML 5Page - Maxim Integrated Products MAX13030EETE Datasheet HTML 6Page - Maxim Integrated Products MAX13030EETE Datasheet HTML 7Page - Maxim Integrated Products MAX13030EETE Datasheet HTML 8Page - Maxim Integrated Products MAX13030EETE Datasheet HTML 9Page - Maxim Integrated Products MAX13030EETE Datasheet HTML 10Page - Maxim Integrated Products MAX13030EETE Datasheet HTML 11Page - Maxim Integrated Products MAX13030EETE Datasheet HTML 12Page - Maxim Integrated Products MAX13030EETE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
6-Channel High-Speed Logic-Level Translators
_______________________________________________________________________________________
9
Test Circuits/Timing Diagrams
MAX13030E–
MAX13035E
tFVCC
tRVCC
I/O VL_
(CLK_VL*)
I/O VCC_
(CLK_VCC*)
150
Ω
VL
VL
VCC
10%
10%
90%
90%
50%
50%
50%
50%
VCC
CIOVCC
tPLH
tPHL
tPVL-VCC = tPLH OR tPHL
VCC
EN**
VL
I/O VCC
I/O VL
*MAX13035E ONLY
(CCLK_VCC*)
**MAX13030E–MAX13034E ONLY
Figure 1. Push-Pull Driving I/O VL_ Test Circuit and Timing
MAX13030E–
MAX13035E
tFVCC
tRVCC
VL
VL
VCC
10%
10%
90%
90%
50%
50%
50%
50%
VCC
CIOVCC
I/O VCC
VGATE
VL
VCC
EN**
VGATE
I/O VL_
(CLK_VL*)
I/O VCC_
(CLK_VCC*)
*MAX13035E ONLY
**MAX13030E–MAX13034E ONLY
(CCLK_VCC*)
tPLH
tPHL
tPVL-VCC = tPHL
Figure 2. Open-Drain Driving I/O VL_ Test Circuit and Timing


Similar Part No. - MAX13030EETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13030EETE++ MAXIM-MAX13030EETE+ Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
More results

Similar Description - MAX13030EETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
   6-Channel High-Speed Logic-Level Translators
2021
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
506Kb / 16P
   4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
   High-speed serial logic translators
2004 Feb 24
PTN3310 PHILIPS-PTN3310 Datasheet
62Kb / 7P
   High-speed serial logic translators
2001 Jun 19
logo
Maxim Integrated Produc...
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
   16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
Analog Devices
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com