Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13050ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13050ESA
Description  Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13050ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13050ESA Datasheet HTML 2Page - Maxim Integrated Products MAX13050ESA Datasheet HTML 3Page - Maxim Integrated Products MAX13050ESA Datasheet HTML 4Page - Maxim Integrated Products MAX13050ESA Datasheet HTML 5Page - Maxim Integrated Products MAX13050ESA Datasheet HTML 6Page - Maxim Integrated Products MAX13050ESA Datasheet HTML 7Page - Maxim Integrated Products MAX13050ESA Datasheet HTML 8Page - Maxim Integrated Products MAX13050ESA Datasheet HTML 9Page - Maxim Integrated Products MAX13050ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MAX13050/MAX13052/MAX13053/MAX13054
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
6
Maxim Integrated
tWAKE
0.9V
VDIFF
RXD
STANDBY MODE
DOMINANT
Timing Diagrams
Typical Operating Characteristics
(VCC = +5V, RL = 60
Ω, CL = 100pF, VCC2 = +3.3V, and TA = +25°C, unless otherwise noted.)
SLEW RATE
vs. RRS AT 100kbps
RRS (k
Ω)
180
160
140
120
100
80
60
40
20
5
10
15
20
25
30
0
0
200
RECESSIVE
DOMINANT
MAX13052
SUPPLY CURRENT
vs. DATA RATE
DATA RATE (kbps)
900
800
700
600
500
400
300
200
100
20
25
30
35
40
15
0
1000
TA = +25°C
TA = -40°C
TA = +125°C
STANDBY SUPPLY CURRENT
vs. TEMPERATURE (RS = VCC)
TEMPERATURE (
°C)
100
75
25
50
0
-25
11.0
12.0
13.0
14.0
15.0
16.0
17.0
18.0
19.0
20.0
10.0
-50
125
MAX13052
Figure 2. Timing Diagram for Standby and Wake-Up Signal


Similar Part No. - MAX13050ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13050ESA MAXIM-MAX13050ESA Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13050ESA MAXIM-MAX13050ESA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
More results

Similar Description - MAX13050ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13052ASA MAXIM-MAX13052ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX13051 MAXIM-MAX13051_14 Datasheet
249Kb / 12P
   ±80V Fault-Protected Can Transceiver with Autobaud
Rev 1; 10/12
MAX13041 MAXIM-MAX13041_08 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
Agilent(Hewlett-Packard...
HFBR-5111 HP-HFBR-5111 Datasheet
287Kb / 15P
   Low Cost, Industry Standard FDDI MIC Transceivers
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com