Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13053ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13053ESA
Description  Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13053ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13053ESA Datasheet HTML 3Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 4Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 5Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 6Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 7Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 8Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 9Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 10Page - Maxim Integrated Products MAX13053ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MAX13050/MAX13052/MAX13053/MAX13054
Industry-Standard High-Speed CAN
Transceivers with ±80V Fault Protection
7
Maxim Integrated
STANDBY SUPPLY CURRENT
vs. TEMPERATURE (STBY = VCC)
TEMPERATURE (
°C)
100
75
-25
0
25
50
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
4.0
-50
125
MAX13050
MAX13054
RECEIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
10
20
30
40
50
60
70
80
90
100
0
-50
125
RECESSIVE
DATA RATE = 100kbps
DOMINANT
0
60
40
20
100
80
180
160
140
120
200
-50
-25
0
25
50
75
100
125
DRIVER PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
DOMINANT
RECESSIVE
2.40
2.44
2.42
2.48
2.46
2.52
2.50
2.54
2.58
2.56
2.60
010 15 20
525 30 35
45
40
50
REF VOLTAGE vs. REG OUTPUT CURRENT
REG OUTPUT CURRENT (
µA)
TA = -40°C
TA = +125°C
TA = +25°C
SPLIT LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
0.001
0.01
0.1
1
10
0.0001
-50
125
RECEIVER OUTPUT LOW
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
20
15
10
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
0
TA = -40°C
TA = +125°C
TA = +25°C
MAX13050/MAX13052/MAX13053
0
100
50
200
150
250
300
0
200
300
100
400
500
600
RECEIVER OUTPUT HIGH
vs. OUTPUT CURRENT
OUTPUT CURRENT (
µA)
TA = -40°C
TA = +125°C
TA = +25°C
MAX13054
RECEIVER OUTPUT HIGH
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
7
6
4
5
2
3
1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
08
TA = -40°C
TA = +125°C
TA = +25°C
MAX13050/MAX13052/MAX13053
0
100.0
50.0
200.0
150.0
250.0
300.0
02
13
4
5
RECEIVER OUTPUT LOW
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
MAX13054
VCC2 = +3.3V
TA = -40°C
TA = +125°C
TA = +25°C
Typical Operating Characteristics
(VCC = +5V, RL = 60
Ω, CL = 100pF, VCC2 = +3.3V, and TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX13053ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13053ESA MAXIM-MAX13053ESA Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13053ESA MAXIM-MAX13053ESA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
More results

Similar Description - MAX13053ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
   Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13052ASA MAXIM-MAX13052ASA Datasheet
298Kb / 20P
   Industry-Standard High-Speed CAN Transceivers
Rev 1; 2/13
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
   ±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX13051 MAXIM-MAX13051_14 Datasheet
249Kb / 12P
   ±80V Fault-Protected Can Transceiver with Autobaud
Rev 1; 10/12
MAX13041 MAXIM-MAX13041_08 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
   ±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
Agilent(Hewlett-Packard...
HFBR-5111 HP-HFBR-5111 Datasheet
287Kb / 15P
   Low Cost, Industry Standard FDDI MIC Transceivers
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
[Old version datasheet]   HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com