Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P02BN1R5CF5ST Datasheet(PDF) 4 Page - Dielectric Laboratories, Inc.

Part # P02BN1R5CF5ST
Description  Milli-Cap
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

P02BN1R5CF5ST Datasheet(HTML) 4 Page - Dielectric Laboratories, Inc.

  P02BN1R5CF5ST Datasheet HTML 1Page - Dielectric Laboratories, Inc. P02BN1R5CF5ST Datasheet HTML 2Page - Dielectric Laboratories, Inc. P02BN1R5CF5ST Datasheet HTML 3Page - Dielectric Laboratories, Inc. P02BN1R5CF5ST Datasheet HTML 4Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Milli-Cap
®
 
July 8, 2010
 
Dielectric Laboratories Inc.
2777 Route 20 East, Cazenovia, NY 13035
Phone: 315-655-8710 Fax: 315-655-8179
Email: sales@dilabs.com Web: http://www.dilabs.com
QUALITY SYSTEMS AS9100, ISO 9001 AND ENVIRONMENTAL SYSTEM ISO 14001 CERTIFIED
4 of 4 
 
Recommended Attachment Methods (Continued)
Recommended Attachment to Soft or Hard Substrate Using Solder:
Recommended Micro Strip Layout:
Attachment Method
1.
Place a single drop of solder paste onto each micro-strip as illustrated; the edge of the epoxy shall be at
least .001”- .002” back from the edge of the trace to prevent filling the gap with solder.
2.
Centering the termination gap of the capacitor within the gap in the micro strip, press with careful, even
pressure onto the micro strip ensuring the terminations make good contact with the drops of solder paste.
3.
Reflow according to the solder manufacturer’s preferred profile, ensuring the reflow temperature does not
exceed 250°C.
4.
After the reflow step is completed, inspect joint for voids or excess flux and non-reflowed solder balls that
can degrade performance or cause shorts across the gaps. Proper cleaning after the reflow process is
crucial to avoiding performance degradation and discovering poor solder joints.
Isopropanol, and Methanol are both safe to use with soldered Milli-Caps
®.
Packaging
Packaging Options
Code
Description
Blank
Generic Waffle Pack
T
Tape and Reel, 7” Reel, 100pc Minimum, 5,000pc Maximum
(Consult with a sales representative for availability)
S
Customer Specified (Drawing required, tooling charges may apply)
Distance from Trace Edge:
.001” - .002”
Ideal Micro Strip Width:
.020” - .025”
(.012” - .015” for P21)
Gap:
.015” - .020”
(.008” - .010” for P21)
Solder Diameter:
.020 - .025”
(.010” - .015” for P21)
Solder Thickness:
.004” - .006”


Similar Part No. - P02BN1R5CF5ST

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
P02 SCHNEIDER-P02 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Ensign Corporation
P020 ENSIGN-P020 Datasheet
536Kb / 3P
   Captain Class
P020-1-010X ENSIGN-P020-1-010X Datasheet
536Kb / 3P
   Captain Class
P020-1-010X ENSIGN-P020-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P020-1-012X ENSIGN-P020-1-012X Datasheet
536Kb / 3P
   Captain Class
More results

Similar Description - P02BN1R5CF5ST

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
P21BN300X5S KNOWLES-P21BN300X5S Datasheet
1Mb / 2P
   MILLI-CAP® BROADBAND DATASHEET – BNL VERSION
2020
P_2BN820Z5ST KNOWLES-P_2BN820Z5ST Datasheet
350Kb / 1P
   BROADBAND BLOCKS - MILLI-CAP SMD MILLIMETER WAVE CAPACITOR
2017
logo
Molex Electronics Ltd.
0787881014 MOLEX1-0787881014 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Pegs, without Cap
0787880614 MOLEX1-0787880614 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Plastic Pegs, without Cap
0787880623 MOLEX1-0787880623 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, without Plastic Pegs, with Cap
0787880613 MOLEX1-0787880613 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Plastic Pegs, with Cap
0787881013 MOLEX1-0787881013 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Platic Pegs, with Cap
logo
Winchester Electronics ...
SDKC-89-92 WINCHESTER-SDKC-89-92 Datasheet
45Kb / 1P
   CAP
logo
PHOENIX CONTACT
1785430 PHOENIX-1785430 Datasheet
55Kb / 2P
   Protective cap - PV-C PROTECTION CAP
logo
List of Unclassifed Man...
M210 ETC-M210 Datasheet
153Kb / 4P
   MILLI-OHMETER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com