Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44251AKA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX44251AKA
Description  20V, Ultra-Precision, Low-Noise Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44251AKA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX44251AKA Datasheet HTML 2Page - Maxim Integrated Products MAX44251AKA Datasheet HTML 3Page - Maxim Integrated Products MAX44251AKA Datasheet HTML 4Page - Maxim Integrated Products MAX44251AKA Datasheet HTML 5Page - Maxim Integrated Products MAX44251AKA Datasheet HTML 6Page - Maxim Integrated Products MAX44251AKA Datasheet HTML 7Page - Maxim Integrated Products MAX44251AKA Datasheet HTML 8Page - Maxim Integrated Products MAX44251AKA Datasheet HTML 9Page - Maxim Integrated Products MAX44251AKA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Maxim Integrated
MAX44250/MAX44251/MAX44252
20V, Ultra-Precision, Low-Noise Op Amps
Typical Operating Characteristics (continued)
(VDD = 10V, VSS = 0V, outputs have RL = 10kI to VDD/2. TA = +25NC, unless otherwise specified.)
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
125
100
50
75
0
25
-25
1.08
1.10
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
1.28
1.06
-50
150
SUPPLY CURRENT
PER AMPLIFIER
INPUT OFFSET VOLTAGE
vs. INPUT COMMON MODE
INPUT COMMON VOLTAGE (V)
8
6
4
2
1
2
3
4
5
6
0
010
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
1
2
3
4
5
6
0
TEMPERATURE (°C)
100
50
75
025
-25
-50
125
INPUT BIAS CURRENT
vs. COMMON-MODE VOLTAGE
INPUT COMMON-MODE VOLTAGE (V)
2
3
1
0
-1
-2
-3
-4
-1000
-500
0
500
1000
1500
2000
-1500
-5
4
IBIAS-
IBIAS+
TA = +125°C
TA = -40°C
TA = +25°C
INPUT BIAS CURRENT
vs. TEMPERATURE
-1000
-750
-500
-250
0
250
500
750
1000
-1250
TEMPERATURE (°C)
125
100
50
75
025
-25
-50
150
NEGATIVE IBIAS
POSITIVE IBIAS
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
1k 10k
10 100
1
0
20
40
60
80
100
120
140
160
-20
0.1
100M
10M


Similar Part No. - MAX44251AKA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44251AKA++ MAXIM-MAX44251AKA+ Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44251AKA++ MAXIM-MAX44251AKA+ Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
More results

Similar Description - MAX44251AKA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 15P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 0; 10/11
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
   Ultra Low Noise Precision High Speed Op Amps
logo
Maxim Integrated Produc...
MAX427 MAXIM-MAX427 Datasheet
406Kb / 12P
   Low Noise, High-Precision Op Amps
19-0095; Rev 0; 11/92
MAX4104 MAXIM-MAX4104 Datasheet
128Kb / 12P
   350MHz, Ultra-Low-Noise Op Amps
19-0442; Rev 1; 11/95
MAX4106 MAXIM-MAX4106 Datasheet
128Kb / 12P
   350MHz, Ultra-Low-Noise Op Amps
Rev 1; 11/95
logo
3PEAK INC.
TP2311 3PEAK-TP2311 Datasheet
1Mb / 20P
   10MHz Bandwidth, Low Noise Precision Op-amps
logo
Linear Technology
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com