Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP12N06 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP12N06
Description  TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.180 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP12N06 Datasheet(HTML) 1 Page - Motorola, Inc

  MTP12N06 Datasheet HTML 1Page - Motorola, Inc MTP12N06 Datasheet HTML 2Page - Motorola, Inc MTP12N06 Datasheet HTML 3Page - Motorola, Inc MTP12N06 Datasheet HTML 4Page - Motorola, Inc MTP12N06 Datasheet HTML 5Page - Motorola, Inc MTP12N06 Datasheet HTML 6Page - Motorola, Inc MTP12N06 Datasheet HTML 7Page - Motorola, Inc MTP12N06 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS E-FET.
High Energy Power FET
N–Channel Enhancement–Mode Silicon Gate
This advanced TMOS power FET is designed to withstand high
energy in the avalanche mode and switch efficiently. This new high
energy device also offers a gate–to–source zener diode designed
for 4 kV ESD protection (human body model).
• ESD Protected
• 4 kV Human Body Model
• 400 V Machine Model
• Avalanche Energy Capability
• Internal Source–To–Drain Diode Designed to Replace External
Zener Transient Suppressor–Absorbs High Energy in the
Avalanche Mode
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
60
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
±15
±20
Vdc
Vpk
Drain Current — Continuous
— Continuous @ 100
°C
— Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
12
7.1
36
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
45
0.36
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5.0 Vdc, IL = 12 Apk, L = 1.0 mH, RG = 25 Ω)
EAS
72
mJ
Thermal Resistance — Junction to Case
— Junction to Ambient
R
θJC
R
θJA
2.78
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Order this document
by MTP12N06EZL/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MTP12N06EZL
TMOS POWER FET
12 AMPERES
60 VOLTS
RDS(on) = 0.180 OHM
®
CASE 221A–06, Style 5
TO–220AB
S
G
D
© Motorola, Inc. 1995


Similar Part No. - MTP12N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MTP12N06 ISC-MTP12N06 Datasheet
279Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
More results

Similar Description - MTP12N06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP3055V MOTOROLA-MTP3055V Datasheet
160Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTD2955E MOTOROLA-MTD2955E Datasheet
243Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTD2955V MOTOROLA-MTD2955V Datasheet
148Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.230 OHM
MTD3055VL MOTOROLA-MTD3055VL Datasheet
209Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.18 OHM
MTP2955E MOTOROLA-MTP2955E Datasheet
207Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTP2955V MOTOROLA-MTP2955V Datasheet
116Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.230 OHM
MTP3055VL MOTOROLA-MTP3055VL Datasheet
161Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.18 OHM
MTD3055V MOTOROLA-MTD3055V Datasheet
206Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com