Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMK107ABJ473KK-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # AMK107ABJ473KK-T
Description  Notice for TAIYO YUDEN products
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AMK107ABJ473KK-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  AMK107ABJ473KK-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AMK107ABJ473KK-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
13HA02
RoHS compliance product
LMK325B7106KN
10V 3225 X7R 10uF +/- 10% t=2.1mmMAX
10V 1210 X7R 10uF +/- 10% t=0.083inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification
LMK325B7106KN
Capacitance Freq.
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
LMK325B7106KN
DC Bias Char.
-50
-40
-30
-20
-10
0
10
02
4
6
8
10
DC Bias Voltage[V]
LMK325B7106KN
Impedance,ESR Freq.
0.001
0.01
0.1
1
10
100
1000
0.001 0.01
0.1
1
10
100 1000 10000
Frequency[MHz]
ESR
Z
LMK325B7106KN
Capacitance Temp.
-30
-20
-10
0
10
-55 -35 -15
5
25
45 65
85 105 125
Temperature[degreeC]
LMK325B7106KN
Ripple Current
1
10
100
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
Ripple Current[Arms]
10kHz
100kHz
1M Hz


Similar Part No. - AMK107ABJ473KK-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
AMK107ABJ473KL-T TAIYO-YUDEN-AMK107ABJ473KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results

Similar Description - AMK107ABJ473KK-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com