Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGR32N170AH1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGR32N170AH1
Description  High Voltage IGBT with Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR32N170AH1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGR32N170AH1 Datasheet HTML 1Page - IXYS Corporation IXGR32N170AH1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C25; VCE = 10 V
25
33
S
Note 2
C
ies
3700
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
180
pF
C
res
44
pF
Q
g
155
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
30
nC
Q
gc
51
nC
t
d(on)
46
ns
t
ri
57
ns
t
d(off)
270
500
ns
t
fi
50
100
ns
E
off
1.5
3.0 mJ
t
d(on)
48
ns
t
ri
42
ns
E
on
2.5
mJ
t
d(off)
300
ns
t
fi
70
ns
E
off
2.4
mJ
R
thJC
0.65 K/W
R
thCK
0.15
K/W
Inductive load, T
J = 125°
°°°°C
I
C = IC90, VGE = 15 V
R
G = 2.7 Ω, VCE = 0.8 VCES
Note 3
Inductive load, T
J = 25°
°°°°C
I
C = IC90, VGE = 15 V
R
G = 2.7 Ω, VCE = 0.8 VCES
Note 3
IXGR 32N170AH1
Notes: 1. Device must be heatsunk for high temperature leakage current
measurements to avoid thermal runaway.
2. Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
3. Switching times may increase for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G.
4. See DH60-18A and IXGH32N170A datasheets for additional
characteristics
ISOPLUS247 Outline
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F = 20A, VGE = 0 V, Note 2
2.7
V
I
RM
I
F = 50A, VGE = 0 V, -diF/dt = 800 A/µs50
A
t
rr
V
R = 600 V
150
ns
R
thJC
1.5 K/W
See IXGX32N170AH1 for
charcteristic curves


Similar Part No. - IXGR32N170AH1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR32N170AH1 IXYS-IXGR32N170AH1 Datasheet
528Kb / 2P
   High Voltage IGBT with Diode
More results

Similar Description - IXGR32N170AH1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGQ28N120B IXYS-IXGQ28N120B Datasheet
512Kb / 6P
   High Voltage IGBT with Diode
IXSX35N120AU1 IXYS-IXSX35N120AU1 Datasheet
87Kb / 5P
   High Voltage IGBT with Diode
IXGP20N120B IXYS-IXGP20N120B Datasheet
586Kb / 5P
   High Voltage IGBT with Diode
IXGX32N170H1 IXYS-IXGX32N170H1 Datasheet
1Mb / 2P
   High Voltage IGBT with Diode
IXGR32N170AH1 IXYS-IXGR32N170AH1 Datasheet
528Kb / 2P
   High Voltage IGBT with Diode
IXSK35N120AU1 IXYS-IXSK35N120AU1 Datasheet
40Kb / 2P
   High Voltage IGBT with Diode
IXSK35N120BD1 IXYS-IXSK35N120BD1 Datasheet
118Kb / 2P
   HIGH VOLTAGE IGBT WITH DIODE
IXGQ20N120B IXYS-IXGQ20N120B Datasheet
598Kb / 6P
   High Voltage IGBT with Diode
IXGH20N120BD1 IXYS-IXGH20N120BD1 Datasheet
495Kb / 5P
   High Voltage IGBT with Diode
IXGR35N120BD1 IXYS-IXGR35N120BD1 Datasheet
525Kb / 2P
   High Voltage IGBT with Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com