Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60N60B2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # 60N60B2
Description  B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

60N60B2 Datasheet(HTML) 5 Page - IXYS Corporation

  60N60B2 Datasheet HTML 1Page - IXYS Corporation 60N60B2 Datasheet HTML 2Page - IXYS Corporation 60N60B2 Datasheet HTML 3Page - IXYS Corporation 60N60B2 Datasheet HTML 4Page - IXYS Corporation 60N60B2 Datasheet HTML 5Page - IXYS Corporation 60N60B2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2004 IXYS All rights reserved
IXGR 60N60B2
IXGR 60N60B2D1
Fig. 14. Gate Charge
0
3
6
9
12
15
0
20
40
60
80
100
120
140
160
180
QG - nanoCoulombs
V
CE = 300V
I
C = 50A
I
G = 10mA
Fig. 15. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VCE - Volts
Cies
Coes
Cres
f = 1 MHz
Fig. 13. De pendence of Turn-Off
Sw itching Tim e on Te m pe rature
50
100
150
200
250
300
350
25
35
45
55
65
75
85
95
105 115 125
TJ - Degrees Centigrade
I
C = 25A
50A
100A
td(off)
tfi - - - - - -
R
G = 3. 3Ω
V
GE = 15V
V
CE = 400V
I
C = 100A
50A
25A
Fig . 1 3. M axim u m T r an sien t T h er m a l Resis t an ce
0
0. 05
0. 1
0. 15
0. 2
0. 25
0. 3
0. 35
0. 4
0. 45
0. 5
0. 55
1
10
100
1000
Puls e W idth - millis ec onds


Similar Part No. - 60N60B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
60N60 IXYS-60N60 Datasheet
67Kb / 2P
   Ultra-Low VCE(sat) IGBT
60N60 IXYS-60N60 Datasheet
156Kb / 5P
   HiPerFASTTM IGBTs with Diode
60N60 IXYS-60N60 Datasheet
156Kb / 5P
   HiPerFASTTM IGBTs with Diode
logo
Silan Microelectronics ...
60N60FD1 SILAN-60N60FD1 Datasheet
307Kb / 10P
   60A, 600V FIELD STOP IGBT
Rev.:1.7
logo
Fairchild Semiconductor
60N60SFD FAIRCHILD-60N60SFD Datasheet
418Kb / 9P
   600 V, 60 A Field Stop IGBT
Rev. 1.4 March 2015
More results

Similar Description - 60N60B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR50N60B2 IXYS-IXGR50N60B2 Datasheet
518Kb / 6P
   B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR60N60B2 IXYS-IXGR60N60B2 Datasheet
514Kb / 6P
   B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGR40N60B2 IXYS-IXGR40N60B2 Datasheet
502Kb / 6P
   C2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
   HiPerFAST IGBTs B2-Class High Speed
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
   Electrically isolated back surface Electrically isolated back surface
IXGH50N90B2 IXYS-IXGH50N90B2 Datasheet
168Kb / 5P
   HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
   HiPerFAST IGBT B2-Class High Speed IGBTs
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
   HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
   HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGC16N60B2 IXYS-IXGC16N60B2 Datasheet
92Kb / 2P
   Electrically Isolated Back Surface
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com