Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4X8ESRP Datasheet(PDF) 8 Page - Littelfuse

Part # S4X8ESRP
Description  SxX8xSx EV Series 0.8A Sensitive SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S4X8ESRP Datasheet(HTML) 8 Page - Littelfuse

  S4X8ESRP Datasheet HTML 1Page - Littelfuse S4X8ESRP Datasheet HTML 2Page - Littelfuse S4X8ESRP Datasheet HTML 3Page - Littelfuse S4X8ESRP Datasheet HTML 4Page - Littelfuse S4X8ESRP Datasheet HTML 5Page - Littelfuse S4X8ESRP Datasheet HTML 6Page - Littelfuse S4X8ESRP Datasheet HTML 7Page - Littelfuse S4X8ESRP Datasheet HTML 8Page - Littelfuse S4X8ESRP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.littelfuse.com
©2008 Littelfuse
152
Power Thyristor Databook
Teccor® brand Thyristors
Silicon Controlled Rectifiers
SxX8xSx EV Series 0.8A Sensitive SCR
TO-92 (3-lead) Reel Pack (RP) Radial Leaded
Meets all EIA-468-B 1994 Standards
0.708
(18.0)
1.6
(41.0)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
Direction of Feed
Dimensions
are in inches
(and millimeters).
1.97
(50.0)
14.17(360.0)
Flat up
1.26
(32.0)
0.098 (2.5) MAX
MT1 / Cathode
MT2 / Anode
Gate
0.354
(9.0)
0.157 DIA
(4.0)
TO-92 (3-lead) Ammo Pack (AP) Radial Leaded
Meets all EIA-468-B 1994 Standards
Flat down
25 Devices per fold
MT1 / Cathode
MT2 / Anode
Gate
Direction
of Feed
Dimensions
are in inches
(and millimeters).
0.708
(18.0)
1.62
(41.2)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
1.85
(47.0)
13.3
(338.0)
1.27
(32.2)
0.098 (2.5) MAX
12.2
(310.0)
1.85
(47.0)
0.354
(9.0)
0.157
DIA
(4.0)


Similar Part No. - S4X8ESRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S4X8ES LITTELFUSE-S4X8ES Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
S4X8ES LITTELFUSE-S4X8ES Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S4X8ES LITTELFUSE-S4X8ES Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S4X8ES1 LITTELFUSE-S4X8ES1 Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
S4X8ES1 LITTELFUSE-S4X8ES1 Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
More results

Similar Description - S4X8ESRP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8TS2RP LITTELFUSE-S8X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8TS1RP LITTELFUSE-S8X8TS1RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S6X8TS2RP LITTELFUSE-S6X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8BSRP LITTELFUSE-S4X8BSRP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8ES LITTELFUSE-S4X8ES Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
logo
Micro Electronics
MCR100 MICRO-ELECTRONICS-MCR100 Datasheet
81Kb / 2P
   0.8A SCR
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com