Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPG15I200PA Datasheet(PDF) 1 Page - IXYS Corporation

Part # DPG15I200PA
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG15I200PA Datasheet(HTML) 1 Page - IXYS Corporation

  DPG15I200PA Datasheet HTML 1Page - IXYS Corporation DPG15I200PA Datasheet HTML 2Page - IXYS Corporation DPG15I200PA Datasheet HTML 3Page - IXYS Corporation DPG15I200PA Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DPG 15 I 200 PA
ns
HiPerFRED²
Symbol
Definition
R a t i n g s
Features / Advantages:
typ.
max.
I
FSM
I
R
A
V
240
I
A
V
F
1.26
R
1.70 K/W
V
R =
1
3
min.
15
t = 10 ms
Applications:
VRRM
V
200
1
T
VJ
V°C
=
T
VJ
°C
=mA
0.08
Package:
Part number
V
R =
T
VJ =°C
I
F
=A
V
TC = 140°C
d =
P
tot
90
W
TC
°C
=
T
VJ
175
°C
-55
V
I
RRM =
=
200
15
15
T
VJ =
45°C
DPG 15 I 200 PA
V
A
200
V
200
25
25
25
max. repetitive reverse voltage
reverse current
forward voltage
virtual junction temperature
total power dissipation
max. forward surge current
Conditions
Unit
1.51
TVJ
°C
=25
C
J
junction capacitance
V =
V;
T
150
V
F0
V
0.69
T
VJ = 175 °C
rF
18
f = 1 MHz
=
°C
25
mΩ
V
1.01
TVJ =°C
IF =A
V
15
1.29
I
F
=A
30
IF =A
30
threshold voltage
slope resistance
for power loss calculation only
Backside: cathode
3A
T
VJ =°C
reverse recovery time
A
6.5
35
55
ns
(50 Hz), sine
t
rr
=
35 ns
● Housing:
High Performance Fast Recovery Diode
Low Loss and Soft Recovery
Single Diode
TO-220
rIndustry standard outline
rEpoxy meets UL 94V-0
rRoHS compliant
R
VJ
I
RM
max. reverse recovery current
IF =A;
15
25
T= 125°C
VJ
-diF
=A/µs
200
/dt
t
rr
VR =V
130
TVJ =°C
25
T= 125°C
VJ
µA
20
150
pF
thermal resistance junction to case
thJC
rectangular
0.5
● Planar passivated chips
● Very low leakage current
● Very short recovery time
● Improved thermal behaviour
● Very low Irm-values
● Very soft recovery behaviour
● Avalanche voltage rated for reliable operation
● Soft reverse recovery for low EMI/RFI
● Low Irm reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating switch
● Antiparallel diode for high frequency
switching devices
● Antisaturation diode
● Snubber diode
● Free wheeling diode
● Rectifiers in switch mode power
supplies (SMPS)
● Uninterruptible power supplies (UPS)
FAV
average forward current
FAV
150
IXYS reserves the right to change limits, conditions and dimensions.
©
20100125a
Data according to IEC 60747and per diode unless otherwise specified
2010 IXYS all rights reserved


Similar Part No. - DPG15I200PA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPG15I300PA IXYS-DPG15I300PA Datasheet
115Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG15I400PM IXYS-DPG15I400PM Datasheet
149Kb / 5P
   High Performance Fast Recovery Diode
logo
Inchange Semiconductor ...
DPG15I400PM ISC-DPG15I400PM Datasheet
288Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - DPG15I200PA

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DHG5I600PA IXYS-DHG5I600PA Datasheet
106Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I1800PA IXYS-DHG10I1800PA Datasheet
291Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30I300PA IXYS-DPG30I300PA Datasheet
137Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DSEP6-06BS IXYS-DSEP6-06BS Datasheet
107Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I1200PA IXYS-DHG10I1200PA Datasheet
111Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG20I1200HA IXYS-DHG20I1200HA Datasheet
107Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG10I200PA IXYS-DPG10I200PA Datasheet
133Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPF30I300PA IXYS-DPF30I300PA Datasheet
136Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30I400HA IXYS-DPG30I400HA Datasheet
143Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30IM300PC IXYS-DPG30IM300PC Datasheet
148Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I600PA IXYS-DHG10I600PA Datasheet
105Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com