Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P02NR121CF5ST Datasheet(PDF) 3 Page - Dielectric Laboratories, Inc.

Part # P02NR121CF5ST
Description  Milli-Cap
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DILABS [Dielectric Laboratories, Inc.]
Direct Link  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

P02NR121CF5ST Datasheet(HTML) 3 Page - Dielectric Laboratories, Inc.

  P02NR121CF5ST Datasheet HTML 1Page - Dielectric Laboratories, Inc. P02NR121CF5ST Datasheet HTML 2Page - Dielectric Laboratories, Inc. P02NR121CF5ST Datasheet HTML 3Page - Dielectric Laboratories, Inc. P02NR121CF5ST Datasheet HTML 4Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Milli-Cap
®
 
July 8, 2010
 
Dielectric Laboratories Inc.
2777 Route 20 East, Cazenovia, NY 13035
Phone: 315-655-8710 Fax: 315-655-8179
Email: sales@dilabs.com Web: http://www.dilabs.com
QUALITY SYSTEMS AS9100, ISO 9001 AND ENVIRONMENTAL SYSTEM ISO 14001 CERTIFIED
3 of 4 
 
Termination Finish and Recommended Attachment Methods
Termination Finish
Code
Description
S
7.5
± 5µ” Au over 50µ” minimum Ni
Recommended Attachment Materials:
Conductive Epoxy (EPO TEK
® H20E, Ablebond® 84-1 LMI, etc.)
Solder (SN62, SN63, etc.)
Recommended Attachment to Soft or Hard Substrate Using Conductive Epoxy:
Recommended Micro Strip Layout:
Attachment Method
1.
Place a single drop of conductive epoxy onto each micro-strip as illustrated; the edge of the epoxy shall
be at least .003”- .004” back from the edge of the trace to prevent filling the gap with epoxy.
2.
Centering the termination gap of the capacitor within the gap in the micro strip, press with careful, even
pressure onto the micro strip ensuring the terminations make good contact with the epoxy drops.
3.
Cure according to the epoxy manufacturer’s preferred schedule
Typically 125°C to 150°C Max.
4.
After curing, inspect joint for epoxy shorts across the termination and micro strip gaps that would cause a
short across the cap.
Isopropanol, and Methanol are both safe to use to pre clean Milli-Caps
®
They are not to be used after mounting with conductive epoxy as they act as a solvent!
Distance from Trace Edge:
.003” - .004”
Ideal Micro Strip Width:
.020” - .025”
(.012” - .015” for P21)
Gap:
.015” - .020”
(.008” - .010” for P21)
Epoxy Diameter:
.010 - .015”
(.005” - .008” for P21)
Epoxy Thickness:
.003” - .005”


Similar Part No. - P02NR121CF5ST

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
P02 SCHNEIDER-P02 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
Ensign Corporation
P020 ENSIGN-P020 Datasheet
536Kb / 3P
   Captain Class
P020-1-010X ENSIGN-P020-1-010X Datasheet
536Kb / 3P
   Captain Class
P020-1-010X ENSIGN-P020-1-010X Datasheet
300Kb / 1P
   POWER TRANSFORMER CAPTAIN CLASS
P020-1-012X ENSIGN-P020-1-012X Datasheet
536Kb / 3P
   Captain Class
More results

Similar Description - P02NR121CF5ST

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
P21BN300X5S KNOWLES-P21BN300X5S Datasheet
1Mb / 2P
   MILLI-CAP® BROADBAND DATASHEET – BNL VERSION
2020
P_2BN820Z5ST KNOWLES-P_2BN820Z5ST Datasheet
350Kb / 1P
   BROADBAND BLOCKS - MILLI-CAP SMD MILLIMETER WAVE CAPACITOR
2017
logo
Molex Electronics Ltd.
0787881014 MOLEX1-0787881014 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Pegs, without Cap
0787880614 MOLEX1-0787880614 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Plastic Pegs, without Cap
0787880623 MOLEX1-0787880623 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, without Plastic Pegs, with Cap
0787880613 MOLEX1-0787880613 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Plastic Pegs, with Cap
0787881013 MOLEX1-0787881013 Datasheet
44Kb / 2P
   Milli-Grid Receptacle, Surface Mount, Vertical, Top Entry, with Platic Pegs, with Cap
logo
Winchester Electronics ...
SDKC-89-92 WINCHESTER-SDKC-89-92 Datasheet
45Kb / 1P
   CAP
logo
PHOENIX CONTACT
1785430 PHOENIX-1785430 Datasheet
55Kb / 2P
   Protective cap - PV-C PROTECTION CAP
logo
List of Unclassifed Man...
M210 ETC-M210 Datasheet
153Kb / 4P
   MILLI-OHMETER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com