Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSEE29-12CC Datasheet(PDF) 3 Page - IXYS Corporation

Part # DSEE29-12CC
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery Phase leg
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEE29-12CC Datasheet(HTML) 3 Page - IXYS Corporation

  DSEE29-12CC Datasheet HTML 1Page - IXYS Corporation DSEE29-12CC Datasheet HTML 2Page - IXYS Corporation DSEE29-12CC Datasheet HTML 3Page - IXYS Corporation DSEE29-12CC Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DSEE29-12CC
12
3
EA
E1
b4
2x b2
2x e
3x b
A1
c
A2
W
Die konvexe Form des Substrates ist typ. < 0.04 mm über der
Kunststoffoberfläche der Bauteilunterseite
The convex bow of substrate is typ. < 0.04 mm over plastic
surface level of device bottom side
Die Gehäuseabmessungen entsprechen dem Typ TO-273
gemäß JEDEC außer D und D1.
This drawing will meet all dimensions requiarement of JEDEC
outline TO-273 except D and D1.
minmax
minmax
A
4.00
5.00
0.157
0.197
A1
2.50
3.00
0.098
0.118
A2
1.60
1.80
0.063
0.071
b
0.90
1.30
0.035
0.051
b2
2.35
2.55
0.093
0.100
b4
1.25
1.65
0.049
0.065
c
0.70
1.00
0.028
0.039
D
15.00
16.00
0.591
0.630
D1
12.00
13.00
0.472
0.512
D2
1.10
1.50
0.043
0.059
D3
14.90
15.50
0.587
0.610
E
10.00
11.00
0.394
0.433
E1
7.50
8.50
0.295
0.335
e
2.54 BSC
0.100 BSC
L
13.00
14.50
0.512
0.571
L1
3.00
3.50
0.118
0.138
42.5
47.5
W
-
0.1
-
0.004
Dim.
Millimeters
Inches
Outlines ISOPLUS220
IXYS reserves the right to change limits, conditions and dimensions.
©
20110215a
Data according to IEC 60747and per diode unless otherwise specified
2011 IXYS all rights reserved


Similar Part No. - DSEE29-12CC

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
DSEE29-12CC THINKISEMI-DSEE29-12CC Datasheet
275Kb / 2P
   30.0 Ampere Insulated Dual Tandem Structure In Series Ultra Fast Recovery Rectifiers
More results

Similar Description - DSEE29-12CC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DPG30P300PJ IXYS-DPG30P300PJ Datasheet
146Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Phase leg
DPG10P400PJ IXYS-DPG10P400PJ Datasheet
146Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Phase leg
DHH55-36N1F IXYS-DHH55-36N1F Datasheet
345Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Phase leg
DSB10P60PN IXYS-DSB10P60PN Datasheet
97Kb / 4P
   High Performance Schottky Diode Low Loss and Soft Recovery Phase leg
DPG20C200PN IXYS-DPG20C200PN Datasheet
135Kb / 4P
   HiPerFRED2 High Performance Fast Recovery Diode Low Loss and Soft Recovery
DHG5I600PA IXYS-DHG5I600PA Datasheet
106Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I1800PA IXYS-DHG10I1800PA Datasheet
291Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DPG30I300PA IXYS-DPG30I300PA Datasheet
137Kb / 5P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DSEP6-06BS IXYS-DSEP6-06BS Datasheet
107Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
DHG10I1200PA IXYS-DHG10I1200PA Datasheet
111Kb / 4P
   High Performance Fast Recovery Diode Low Loss and Soft Recovery Single Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com