Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8X8ES1 Datasheet(PDF) 5 Page - Littelfuse

Part # S8X8ES1
Description  SxX8xSx EV Series 0.8A Sensitive SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S8X8ES1 Datasheet(HTML) 5 Page - Littelfuse

  S8X8ES1 Datasheet HTML 1Page - Littelfuse S8X8ES1 Datasheet HTML 2Page - Littelfuse S8X8ES1 Datasheet HTML 3Page - Littelfuse S8X8ES1 Datasheet HTML 4Page - Littelfuse S8X8ES1 Datasheet HTML 5Page - Littelfuse S8X8ES1 Datasheet HTML 6Page - Littelfuse S8X8ES1 Datasheet HTML 7Page - Littelfuse S8X8ES1 Datasheet HTML 8Page - Littelfuse S8X8ES1 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
149
www.littelfuse.com
©2008 Littelfuse
Power Thyristor Databook
Teccor® brand Thyristors
Silicon Controlled Rectifiers
SxX8xSx EV Series 0.8A Sensitive SCR
Physical Specifications
Terminal Finish
100% Matte Tin-plated.
Body
UL recognized epoxy meeting flammability
classification 94V-0.
Lead Material
Copper Alloy
Reliability/Environmental Tests
Test
Specifications and Conditions
AC Blocking
MIL-STD-750, M-1040, Cond A Applied
Peak AC voltage @ 110°C for 1008 hours
Temperature Cycling
MIL-STD-750, M-1051,
100 cycles; -40°C to +150°C; 15-min
dwell-time
Temperature/
Humidity
EIA / JEDEC, JESD22-A101
1008 hours; 320V - DC: 85°C; 85%
rel humidity
High Temp Storage
MIL-STD-750, M-1031,
1008 hours; 150°C
Low-Temp Storage
1008 hours; -40°C
Thermal Shock
MIL-STD-750, M-1056
10 cycles; 0°C to 100°C; 5-min dwell-
time at each temperature; 10 sec (max)
transfer time between temperature
Autoclave
EIA / JEDEC, JESD22-A102
168 hours (121°C at 2 ATMs) and
100% R/H
Resistance to
Solder Heat
MIL-STD-750 Method 2031
Solderability
ANSI/J-STD-002, category 3, Test A
Lead Bend
MIL-STD-750, M-2036 Cond E
Dimensions – TO-92
Dimensions
Inches
Millimeters
Min
Typ
Max
Min
Typ
Max
A
0.175
0.205
4.450
5.200
B
0.170
0.210
4.320
5.330
C
0.500
12.700
D
0.135
0.165
3.430
4.190
E
0.125
0.165
3.180
4.190
F
0.080
0.095
0.105
2.040
2.400
2.660
0.016
0.021
0.407
0.533
H
0.045
0.050
0.055
1.150
1.270
1.390
I
0.095
0.100
0.105
2.420
2.540
2.660
J
0.015
0.020
0.380
0.500
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long way
design practice should limit the maximum continuous
current through the main terminals to 75% of the device
rating. Other ways to ensure long life for a power discrete
semiconductor are proper heat sinking and selection of
voltage ratings for worst case conditions. Overheating,
overvoltage (including dv/dt), and surge currents are
the main killers of semiconductors. Correct mounting,
soldering, and forming of the leads also help protect
against component damage.


Similar Part No. - S8X8ES1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8ES1 LITTELFUSE-S8X8ES1 Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
S8X8ES1 LITTELFUSE-S8X8ES1 Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X8ES1 LITTELFUSE-S8X8ES1 Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
More results

Similar Description - S8X8ES1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8TS2RP LITTELFUSE-S8X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8TS1RP LITTELFUSE-S8X8TS1RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S6X8TS2RP LITTELFUSE-S6X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8BSRP LITTELFUSE-S4X8BSRP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8ES LITTELFUSE-S4X8ES Datasheet
240Kb / 9P
   EV Series 0.8A Sensitive SCR
logo
Micro Electronics
MCR100 MICRO-ELECTRONICS-MCR100 Datasheet
81Kb / 2P
   0.8A SCR
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com