Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP400GP Datasheet(PDF) 5 Page - Analog Devices

Part # OP400GP
Description  Quad Low Offset, Low Power Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP400GP Datasheet(HTML) 5 Page - Analog Devices

  OP400GP Datasheet HTML 1Page - Analog Devices OP400GP Datasheet HTML 2Page - Analog Devices OP400GP Datasheet HTML 3Page - Analog Devices OP400GP Datasheet HTML 4Page - Analog Devices OP400GP Datasheet HTML 5Page - Analog Devices OP400GP Datasheet HTML 6Page - Analog Devices OP400GP Datasheet HTML 7Page - Analog Devices OP400GP Datasheet HTML 8Page - Analog Devices OP400GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
OP400
Rev. H | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
±20 V
Differential Input Voltage
±30 V
Input Voltage
Supply voltage
Output Short-Circuit Duration
Continuous
Storage Temperature Range
P, Y, S Packages
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
Junction Temperature (TJ) Range
−65°C to +150°C
Operating Temperature Range
OP400A
−55°C to +125°C
OP400E, OP400F
−25°C to +85°C
OP400G
0°C to 70°C
OP400H
−40°C to +85°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply to both dice and packaged
parts, unless otherwise noted.
THERMAL RESISTANCE
θJA is specified for worst-case mounting conditions, that is, θJA is
specified for device in socket for CERDIP and PDIP packages;
θJA is specified for device soldered to printed circuit board for
SOIC package.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
14-Pin Ceramic DIP (Y)
94
10
°C/W
14-Pin Plastic DIP (P)
76
33
°C/W
16-Pin SOIC (S)
88
23
°C/W
ESD CAUTION


Similar Part No. - OP400GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP400GP AD-OP400GP Datasheet
234Kb / 12P
   Quad Low-Offset, Low-Power Operational Amplifier
REV. A
OP400GP AD-OP400GP Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP400GP AD-OP400GP Datasheet
340Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. H
OP400GPZ AD-OP400GPZ Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP400GPZ AD-OP400GPZ Datasheet
340Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. H
More results

Similar Description - OP400GP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP400ATC AD-OP400ATC Datasheet
340Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. H
OP-400 AD-OP-400 Datasheet
372Kb / 12P
   QUAD LOW-OFFSET, LOW-POWER OPERATIONAL AMPLIFIER
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
OP400 AD-OP400 Datasheet
234Kb / 12P
   Quad Low-Offset, Low-Power Operational Amplifier
REV. A
logo
Maxwell Technologies
OP400 MAXWELL-OP400 Datasheet
386Kb / 10P
   Quad Low-Offset, Low-Power Operational Amplifier
logo
Analog Devices
OP400 AD-OP400_15 Datasheet
340Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com