Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIS74 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # TIS74
Description  N-Channel General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIS74 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TIS74 Datasheet HTML 1Page - Fairchild Semiconductor TIS74 Datasheet HTML 2Page - Fairchild Semiconductor TIS74 Datasheet HTML 3Page - Fairchild Semiconductor TIS74 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Characteristics
Parametric Interaction
1
2
3
5710
5
10
20
V
- GATE-SOURCE VOLTAGE (V)
GS
IDSS @VDS=15V PULSE
Parametric Interaction
12
3
5
7
10
5
10
20
V
- GATE-SOURCE VOLTAGE (V)
GS
GS
gfs @ VDS=15V VGS=0V
gfs @ VDS=15V ID=3mA
Parametric Interaction
1
2
3
5710
5
10
20
V
- GATE-SOURCE VOLTAGE (V)
Capacitance vs Voltage
-14
-12
-10
-8
-6
-4
-2
0
5
10
20
V
- GATE-SOURCE VOLTAGE (V)
f = 0.1-1.0MHz
C
( V
= 10 V )
is
DS
C
( V
= 0 V )
rs
DS
GS
Common Drain-Source
Characteristics
0
246
8
10
0
20
40
60
80
100
V
- DRAIN -SOURCE VOLTAGE (V)
V
= 0V
GS
-1V
-2V
-3V
-4V
TYP V
= - 5V
GS(OFF)
DS
T = + 25 C
0
A
POWER DISSIPATION vs
AMBIENT TEMPERATURE
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
TEMPERATURE ( C)
o
TO-92
N-Channel General Purpose Amplifier
(continued)


Similar Part No. - TIS74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIS75 FAIRCHILD-TIS75 Datasheet
27Kb / 4P
   N-Channel General Purpose Amplifier
logo
New Jersey Semi-Conduct...
TIS75 NJSEMI-TIS75 Datasheet
73Kb / 2P
   N-Channel General Purpose Amplifier
logo
Touchstone Semiconducto...
TIS75-112 TOUCHSTONE-TIS75-112 Datasheet
1Mb / 13P
   Industrial Power Supplies
TIS75-124 TOUCHSTONE-TIS75-124 Datasheet
1Mb / 13P
   Industrial Power Supplies
TIS75-148 TOUCHSTONE-TIS75-148 Datasheet
1Mb / 13P
   Industrial Power Supplies
More results

Similar Description - TIS74

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5457 FAIRCHILD-2N5457_1 Datasheet
130Kb / 5P
   N-Channel General Purpose Amplifier
J201 FAIRCHILD-J201 Datasheet
851Kb / 13P
   N-Channel General Purpose Amplifier
TIS75 FAIRCHILD-TIS75 Datasheet
27Kb / 4P
   N-Channel General Purpose Amplifier
logo
New Jersey Semi-Conduct...
TIS75 NJSEMI-TIS75 Datasheet
73Kb / 2P
   N-Channel General Purpose Amplifier
logo
Fairchild Semiconductor
PN4302 FAIRCHILD-PN4302 Datasheet
27Kb / 3P
   N-Channel General Purpose Amplifier
2N5457 FAIRCHILD-2N5457 Datasheet
105Kb / 4P
   N-Channel General Purpose Amplifier
PN4303 FAIRCHILD-PN4303 Datasheet
27Kb / 3P
   N-Channel General Purpose Amplifier
J201 FAIRCHILD-J201_08 Datasheet
783Kb / 8P
   N-Channel General Purpose Amplifier
logo
Calogic, LLC
2N4117 CALOGIC-2N4117_15 Datasheet
33Kb / 1P
   N-Channel JFET General Purpose Amplifier
J201 CALOGIC-J201 Datasheet
20Kb / 1P
   N-Channel JFET General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com