Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491V157K2R5003AT Datasheet(PDF) 9 Page - Kemet Corporation

Part # T491V157K2R5003AT
Description  T491 Industrial Grade MnO2 Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491V157K2R5003AT Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T491V157K2R5003AT Datasheet HTML 5Page - Kemet Corporation T491V157K2R5003AT Datasheet HTML 6Page - Kemet Corporation T491V157K2R5003AT Datasheet HTML 7Page - Kemet Corporation T491V157K2R5003AT Datasheet HTML 8Page - Kemet Corporation T491V157K2R5003AT Datasheet HTML 9Page - Kemet Corporation T491V157K2R5003AT Datasheet HTML 10Page - Kemet Corporation T491V157K2R5003AT Datasheet HTML 11Page - Kemet Corporation T491V157K2R5003AT Datasheet HTML 12Page - Kemet Corporation T491V157K2R5003AT Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 10/8/2013
99
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Industrial Grade MnO2 Series
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Maximum/
5 Minutes
% @ +20ºC
120 Hz
Maximum
Ω @ +20ºC
100 kHz
Maximum
(mA)
100 kHz
25ºC
(mA)
100 kHz
+85ºC
(mA)
100 kHz
+125ºC
Reflow Temperature
≤ 260 ºC
16
10
C/6032-28
T491C106(1)016A(2)
1.6
6.0
1.8
247
222
99
1
16
10
U/6032-15
T491U106(1)016A(2)
1.6
6.0
1.8
224
202
90
1
16
10
B/3528-21
T491B106(1)016A(2)
1.6
6.0
2.8
174
157
70
1
16
10
A/3216-18
T491A106(1)016A(2)
1.6
8.0
7.0
104
94
42
1
16
10
T/3528-12
T491T106(1)016A(2)
1.6
8.0
8.0
94
85
38
1
16
15
C/6032-28
T491C156(1)016A(2)
2.4
6.0
1.8
247
222
99
1
16
15
U/6032-15
T491U156(1)016A(2)
2.4
6.0
1.8
224
202
90
1
16
15
B/3528-21
T491B156(1)016A(2)
2.4
6.0
2.3
192
173
77
1
16
15
A/3216-18
T491A156(1)016A(2)
2.4
8.0
3.5
146
131
58
1
16
22
D/7343-31
T491D226(1)016A(2)
3.5
6.0
0.8
433
390
173
1
16
22
C/6032-28
T491C226(1)016A(2)
3.5
6.0
1.6
262
236
105
1
16
22
U/6032-15
T491U226(1)016A(2)
3.5
10.0
3.0
173
156
69
1
16
22
B/3528-21
T491B226(1)016A(2)
3.5
6.0
2.2
197
177
79
1
16
33
D/7343-31
T491D336(1)016A(2)
5.3
6.0
0.8
433
390
173
1
16
33
C/6032-28
T491C336(1)016A(2)
5.3
6.0
1.2
303
273
121
1
16
33
U/6032-15
T491U336(1)016A(2)
5.3
12.0
3.0
173
156
69
1
16
33
B/3528-21
T491B336(1)016A(2)
5.3
8.0
2.1
201
181
80
1
16
47
D/7343-31
T491D476(1)016A(2)
7.5
6.0
0.8
433
390
173
1
16
47
V/7343-20
T491V476(1)016A(2)
7.5
6.0
0.7
423
381
169
1
16
47
C/6032-28
T491C476(1)016A(2)
7.5
6.0
1.2
303
273
121
1
16
68
V/7343-20
T491V686(1)016A(2)
10.9
6.0
0.7
423
381
169
1
16
68
C/6032-28
T491C686(1)016AT
10.9
6.0
1.2
303
273
121
1
16
68
W/7343-15
T491W686(1)016AT
10.9
6.0
0.8
474
427
190
1
16
68
D/7343-31
T491D686(1)016A(2)
10.9
6.0
0.7
463
417
185
1
16
68
C/6032-28
T491C686(1)016A(2)
10.9
12.0
1.2
303
273
121
1
16
100
X/7343-43
T491X107(1)016A(2)
16.0
8.0
0.7
486
437
194
1
16
100
C/6032-28
T491C107(1)016AT
16.0
10.0
1.0
332
299
133
1
16
100
V/7343-20
T491V107(1)016A(2)
16.0
12.0
0.7
423
381
169
1
16
100
D/7343-31
T491D107(1)016A(2)
16.0
8.0
0.7
463
417
185
1
16
150
X/7343-43
T491X157(1)016A(2)
24.0
8.0
0.5
574
517
230
1
16
150
D/7343-31
T491D157(1)016A(2)
24.0
12.0
0.7
463
417
185
1
16
220
X/7343-43
T491X227(1)016A(2)
35.2
10.0
0.5
574
517
230
1
16
220
E/7360-38
T491E227(1)016A(2)
35.2
7.2
0.9
471
424
188
1
20
0.68
A/3216-18
T491A684(1)020A(2)
0.5
4.0
12.0
79
71
32
1
20
1
A/3216-18
T491A105(1)020A(2)
0.5
4.0
9.0
91
82
36
1
20
1
S/3216-12
T491S105(1)020A(2)
0.5
6.0
18.0
58
52
23
1
20
1.5
A/3216-18
T491A155(1)020A(2)
0.5
6.0
6.5
107
96
43
1
20
1.5
S/3216-12
T491S155(1)020A(2)
0.5
6.0
15.0
63
57
25
1
20
2.2
B/3528-21
T491B225(1)020A(2)
0.5
6.0
3.5
156
140
62
1
20
2.2
A/3216-18
T491A225(1)020A(2)
0.5
6.0
7.0
104
94
42
1
20
3.3
B/3528-21
T491B335(1)020A(2)
0.7
6.0
3.0
168
151
67
1
20
3.3
A/3216-18
T491A335(1)020A(2)
0.7
6.0
4.5
129
116
52
1
20
3.3
T/3528-12
T491T335(1)020A(2)
0.7
6.0
5.0
118
106
47
1
20
4.7
C/6032-28
T491C475(1)020A(2)
0.9
6.0
2.4
214
193
86
1
20
4.7
B/3528-21
T491B475(1)020A(2)
0.9
6.0
3.0
168
151
67
1
20
4.7
A/3216-18
T491A475(1)020A(2)
0.9
6.0
3.5
146
131
58
1
20
6.8
C/6032-28
T491C685(1)020A(2)
1.4
6.0
1.9
241
217
96
1
20
6.8
U/6032-15
T491U685(1)020A(2)
1.4
6.0
1.9
218
196
87
1
20
6.8
B/3528-21
T491B685(1)020A(2)
1.4
6.0
2.5
184
166
74
1
20
6.8
A/3216-18
T491A685(M)020A(2)
1.4
8.0
6.0
112
101
45
1
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ +20ºC
Maximum/
5 Minutes
% @ +20ºC
120 Hz
Maximum
Ω @ +20ºC
100 kHz
Maximum
(mA)
100 kHz
25ºC
(mA)
100 kHz
+85ºC
(mA)
100 kHz
+125ºC
Reflow Temperature
≤ 260 ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-
Magnetic 100% Tin (Sn), M = Non-Magnetic (SnPb). Designates Termination Finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.
Roll Over for
Order Info.
T
491
X
157
K
020
A
T
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/
Design
Lead Material
Packaging (C-Spec)
T =
Tantalum
Industrial
A, B, C, D,
E, S, T, U,
V, X
First two digits
represent
significant
figures.Thirddigit
specifiesnumber
of zeros.
K = ±10%
M = ±20%
2R5 = 2.5 V
003 = 3 V
004 = 4 V
006 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
A = N/A
T = 100% Matte Tin (Sn)
Plated*
H = Standard Solder
Coated (SnPb 5% Pb
minimum)
G = Gold Plated (A, B, C,
D, X only)
N = Non-Magnetic 100%
Tin (Sn)
M = Non-Magnetic (SnPb)
Blank = 7" Reel
7280 = 13" Reel


Similar Part No. - T491V157K2R5003AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491V157K2R5AT KEMET-T491V157K2R5AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
T491V157K2R5AT7280 KEMET-T491V157K2R5AT7280 Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results

Similar Description - T491V157K2R5003AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A105M016ZT KEMET-T491A105M016ZT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491B156K016AT KEMET-T491B156K016AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491X157K020AT KEMET-T491X157K020AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491B475K020AT KEMET-T491B475K020AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491C475K020AT KEMET-T491C475K020AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com