Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD768ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD768ARZ
Description  16-Bit, 30 MSPS D/A Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD768ARZ Datasheet(HTML) 4 Page - Analog Devices

  AD768ARZ Datasheet HTML 1Page - Analog Devices AD768ARZ Datasheet HTML 2Page - Analog Devices AD768ARZ Datasheet HTML 3Page - Analog Devices AD768ARZ Datasheet HTML 4Page - Analog Devices AD768ARZ Datasheet HTML 5Page - Analog Devices AD768ARZ Datasheet HTML 6Page - Analog Devices AD768ARZ Datasheet HTML 7Page - Analog Devices AD768ARZ Datasheet HTML 8Page - Analog Devices AD768ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. B
–4–
AD768
WAFER TEST LIMITS1
Parameter
AD768ACHIPS Limit
Units
Integral Nonlinearity
2
±8
LSB max
Differential Nonlinearity
2
±6
LSB max
Offset Error
±0.2
% FSR max
Gain Error
±1.0
% FSR max
Reference Voltage
±1.0
% of nom. 2.5 V max
Positive Supply Current
40
mA max
Negative Supply Current
73
mA max
Power Dissipation
600
mW max
NOTES
1Electrical test are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal
yield loss, yield after packaging is not guaranteed for standard product dice.
2Limits extrapolated from testing of individual bit errors.
3Die offers latch control pad. Edge triggered latches become level triggered when latch control and clock pads are high.
4Die substrate is connected to V
EE.
PIN DESCRIPTIONS
Pin No.
Symbol
Type
Name and Function
1
IOUTA
AO
DAC Current Output. Full-scale current when all data bits are 1s.
2
NR
AI
Noise Reduction Node. Add capacitor for noise reduction.
3
REFOUT
AO
Reference Output Voltage. Nominal value is 2.5 V.
4
NC
NC
No Connect. Reserved for internal use.
5
REFCOM
P
Reference Ground.
6
IREFIN
AI
Reference Input Current. Nominal is 5 mA. DAC full-scale is 4
× this current.
7
DB0
DI
Data Bit 0 (LSB).
8–14
DB1–DB7
DI
Data Bits 1–7.
15
DCOM
P
Digital Ground.
16
CLOCK
DI
Clock Input. Data latched on positive edge of clock.
17–23
DB8–DB14
DI
Data Bits 8–14.
24
DB15
DI
Data Bit 15 (MSB).
25
VDD
P
Positive Supply Voltage. Nominal is +5 V.
26
VEE
P
Negative Supply Voltage. Nominal is –5 V.
27
IOUTB
AO
Complementary DAC Current Output. Full-scale current when all data bits are 0s.
28
LADCOM
P
DAC Ladder Common.
Type: AI = Analog Input; DI = Digital Input; AO = Analog Output; P = Power.
(TA = +25 C, VDD = +5.0 V, VEE = –5.0 V, IREFIN = 5 mA, unless otherwise noted)
VDD VDD
DB15
DB14 DB13
DB12 DB11
DB10
REFCOM IREFIN
DB0
DB1
DB2
DB3 DB4
VEE
VEE
IOUTB
LADCOM
IOUTA
NR
REFOUT
NC
DB9
DB8
CLOCK
LATCH CONTROL
DCOM
DB7
DB6
DB5
Die Size:
0.1106
× 0.1417 inch, 15,672 sq. mils
(2.81
× 3.60 mm, 10.116 sq. mm)
DICE CHARACTERISTICS
3, 4
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
AD768
NC = NO CONNECT
IOUTA
VDD (+5V)
VEE (–5V)
IOUTB
LADCOM
NR
REFOUT
NC
DB13
DB14
DB15 (MSB)
REFCOM
IREFIN
(LSB) DB0
DB1
DB2
DB3
DB10
DB11
DB12
DB4
DB5
DB6
DB7
DB9
DCOM
CLOCK
DB8


Similar Part No. - AD768ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD768AR AD-AD768AR Datasheet
334Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
More results

Similar Description - AD768ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD768 AD-AD768_15 Datasheet
337Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD10677 AD-AD10677_15 Datasheet
625Kb / 20P
   16-Bit, 65 MSPS A/D Converter
Rev. D
AD9726 AD-AD9726 Datasheet
613Kb / 24P
   16-Bit, 600 MSPS D/A Converter
REV. A
AD10678 AD-AD10678 Datasheet
673Kb / 10P
   16-Bit, 80 MSPS A/D Converter
REV. A
AD10677 AD-AD10677 Datasheet
643Kb / 10P
   16-Bit, 65 MSPS A/D Converter
REV. B
AD10678 AD-AD10678_15 Datasheet
677Kb / 20P
   16-Bit, 80 MSPS A/D Converter
REV. C
logo
Intersil Corporation
HI-5701883 INTERSIL-HI-5701883 Datasheet
61Kb / 8P
   6-Bit, 30 MSPS Flash A/D Converter
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
logo
Fairchild Semiconductor
SPT7853 FAIRCHILD-SPT7853 Datasheet
70Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com