Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # TL494
Description  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TL494 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  TL494 Datasheet HTML 1Page - Fairchild Semiconductor TL494 Datasheet HTML 2Page - Fairchild Semiconductor TL494 Datasheet HTML 3Page - Fairchild Semiconductor TL494 Datasheet HTML 4Page - Fairchild Semiconductor TL494 Datasheet HTML 5Page - Fairchild Semiconductor TL494 Datasheet HTML 6Page - Fairchild Semiconductor TL494 Datasheet HTML 7Page - Fairchild Semiconductor TL494 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 5.0
Features
• Internal regulator provides a stable 5V reference supply
trimmed to 5%
• Uncommitted output TR for 200mA sink or source
current
• Output control for push-pull or single-ended operation
• Variable duty cycle by dead time control (pin 4) Complete
PWM control circuit
• On-chip oscillator with master or slave operation
• Internal circuit prohibits double pulse at either output
Description
The TL494 is used for the control circuit of the PWM
switching regulator. The TL494 consists of 5V reference
voltage circuit, two error amplifiers, flip flop, an output con-
trol circuit, a PWM comparator, a dead time comparator and
an oscillator. This device can be operated in the switching
frequency of 1 KHz to 300 KHz.
16-DIP
16-SOP
1
1
Internal Block Diagram
TL494
SMPS Controller


Similar Part No. - TL494

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
   VOLTAGE MODE PWM CONTROL CIRCUIT
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
   SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
ARTSCHIP ELECTRONICS CO...
TL494 ARTSCHIP-TL494 Datasheet
671Kb / 7P
   SMPS Controller
logo
Texas Instruments
TL494 TI-TL494 Datasheet
210Kb / 8P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com