Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5161BRM50 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5161BRM50
Description  256-Position SPI/I2C Selectable Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5161BRM50 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5161BRM50 Datasheet HTML 5Page - Analog Devices AD5161BRM50 Datasheet HTML 6Page - Analog Devices AD5161BRM50 Datasheet HTML 7Page - Analog Devices AD5161BRM50 Datasheet HTML 8Page - Analog Devices AD5161BRM50 Datasheet HTML 9Page - Analog Devices AD5161BRM50 Datasheet HTML 10Page - Analog Devices AD5161BRM50 Datasheet HTML 11Page - Analog Devices AD5161BRM50 Datasheet HTML 12Page - Analog Devices AD5161BRM50 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD5161
Rev. B | Page 9 of 20
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
1.0
0.8
CODE (Decimal)
32
0
96
64
128
160
192
224
256
°C
+25°C
+85°C
+125°C
–40
Figure 10. R-INL vs. Code, VDD = 5 V
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
1.0
0.8
CODE (Decimal)
32
0
96
64
128
160
192
224
256
_
40°C
+25°C
+85°C
+125°C
Figure 11. R-DNL vs. Code, VDD = 5 V
TEMPERATURE (°C)
0
40
80
120
–40
0
1.5
0
40
80
120
–40
1.0
2.5
VDD = 5.5V
VDD = 2.7V
2.0
0.5
Figure 12. Full-Scale Error vs. Temperature
0
40
80
120
–40
0
1.5
TEMPERATURE (°C)
0
40
80
120
–40
1.0
2.5
VDD = 5.5V
VDD = 2.7V
2.0
0.5
Figure 13. Zero-Scale Error vs. Temperature
TEMPERATURE (°C)
0
40
80
120
–40
0.1
1
10
VDD = 5.5V
VDD = 2.7V
Figure 14. Supply Current vs. Temperature
TEMPERATURE (°C)
0
0
70
20
10
30
40
50
60
40
80
120
–40
VDD= 5V
Figure 15. Shutdown Current vs. Temperature


Similar Part No. - AD5161BRM50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5161BRM50 AD-AD5161BRM50 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161BRM50 AD-AD5161BRM50 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161BRM50-RL7 AD-AD5161BRM50-RL7 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
More results

Similar Description - AD5161BRM50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161_15 Datasheet
503Kb / 20P
   256-Position SPI/IC Selectable Digital Potentiometer
REV. B
AD5263 AD-AD5263_12 Datasheet
624Kb / 28P
   Quad, 15 V, 256-Position, Digital Potentiometer with Pin-Selectable SPI/I2C
Rev. F
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com