Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2412DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2412DG4
Description  N1 and ORing Power Rail Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2412DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2412DG4 Datasheet HTML 2Page - Texas Instruments TPS2412DG4 Datasheet HTML 3Page - Texas Instruments TPS2412DG4 Datasheet HTML 4Page - Texas Instruments TPS2412DG4 Datasheet HTML 5Page - Texas Instruments TPS2412DG4 Datasheet HTML 6Page - Texas Instruments TPS2412DG4 Datasheet HTML 7Page - Texas Instruments TPS2412DG4 Datasheet HTML 8Page - Texas Instruments TPS2412DG4 Datasheet HTML 9Page - Texas Instruments TPS2412DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DETAILED DESCRIPTION
-470.02
R(RSET)
V
- 0.00314
(OFF)
æ
ö
ç
÷
=
ç
÷
è
ø
(1)
TPS2412
TPS2413
SLVS728B – JANUARY 2007 – REVISED SEPTEMBER 2008.......................................................................................................................................... www.ti.com
The following descriptions refer to the pinout and the functional block diagram.
A, C: The A pin serves as the simulated diode anode and the C as the cathode. GATE is driven high when V(AC)
exceeds 10 mV. Both devices provide a strong GATE pull-down when V(AC) is less than the programmable fast
turn-off threshold. The TPS2412 has a soft pull-down when V(AC) is less than 10 mV but above the fast turn-off
threshold.
Several internal comparator and amplifier circuits monitor these two pins. The inputs are protected from excess
differential voltage by a clamp diode and series resistance. If C falls below A by more than about 0.7 V, a small
current flows out of C. Protect the internal circuits with an external clamp if C can be more than 6 V lower than A.
The internal charge pump output, which provides bias power to the comparators and voltage to drive GATE, is
referenced to A. Some charge pump current appears on A due to this topology. The A and C pins should be
Kelvin connected to the MOSFET source and drain. A and C connections should also be short and low
impedance, with special attention to the A connection. Residual noise from the charge pump can be reduced with
a bypass capacitor at A if the application permits.
BYP: BYP is the internal charge pump output, and the positive supply voltage for internal comparator circuits and
GATE driver. A capacitor must be connected from BYP to A. While the capacitor value is not critical, a 2200-pF
ceramic is recommended. Traces to this part must be kept short and low impedance to provide adequate filtering.
Shorting this pin to a voltage below A damages the TPS2412/13.
GATE: Gate controls the external N channel MOSFET gate. GATE is driven positive with respect to A by a driver
operating from the voltage on BYP. A time-limited high current discharge source pulls GATE to GND when the
fast turn-off comparator is activated. The high-current discharge is followed by a sustaining pull-down. The
turn-off circuits are disabled by the thermal shutdown, leaving a resistive pull-down to keep the gate from floating.
The gate connection should be kept low impedance to maximize turn-off current.
GND: This is the input supply reference. GND should have a low impedance connection to the ground plane. It
carries several Amperes of rapid-rising discharge current when the external MOSFET is turned off, and also
carries significant charge pump currents.
RSET: A resistor connected from this pin to GND sets the fast V(A-C) comparator turn-off threshold. The threshold
is slightly positive when the RSET pin is left open. Current drawn by the resistor programs the turn-off voltage to
increasing negative values. The TPS2413 must have a negative threshold programmed to avoid an unstable
condition at light load. The expression for R(RSET) in terms of the trip voltage, V(OFF), follows.
The units of the numerator are (V × V/A). V(OFF) is positive for V(A) greater than V), V(OFF) is less than 3 mV, and
R(RSET) is in ohms.
RSVD: Connect to ground.
VDD: VDD is the primary supply for the gate drive charge pump and other internal circuits. This pin must be
connected a source that is 3 V or greater when the external MOSFET is to be turned on. VDD may be greater or
lower than the controlled bus voltage.
A 0.01-
µF bypass capacitor, or 10-Ω and a 0.01-µF filter, is recommended because charge pump currents are
drawn through VDD.
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2412 TPS2413


Similar Part No. - TPS2412DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412DG4 TI1-TPS2412DG4 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2412DG4 TI1-TPS2412DG4 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
More results

Similar Description - TPS2412DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com