Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2412DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2412DRG4
Description  N1 and ORing Power Rail Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2412DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2412DRG4 Datasheet HTML 1Page - Texas Instruments TPS2412DRG4 Datasheet HTML 2Page - Texas Instruments TPS2412DRG4 Datasheet HTML 3Page - Texas Instruments TPS2412DRG4 Datasheet HTML 4Page - Texas Instruments TPS2412DRG4 Datasheet HTML 5Page - Texas Instruments TPS2412DRG4 Datasheet HTML 6Page - Texas Instruments TPS2412DRG4 Datasheet HTML 7Page - Texas Instruments TPS2412DRG4 Datasheet HTML 8Page - Texas Instruments TPS2412DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
C
+
-
+
-
A
GATE
HVUV
EN
HVUV
RSET
A
BYP
C
GND
EN
A
RSVD
EN
FAST
COMP.
T >135°C
V(DD)
V(DD)
V(BIAS)
0.5V
3mV
10mV
10V
‘12: AMP
‘13:COMP
BIAS
and
Control
ChargePump
andBiasSupply
TPS2412
TPS2413
SLVS728B – JANUARY 2007 – REVISED SEPTEMBER 2008.......................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(A-C) = –0.1 V
V(GATE) = 8 V
1.75
2.35
A
Fast turn-off pulsed current, I(GATE)
V(GATE) = 5 V
1.25
1.75
Period
7.5
12.5
µs
V(A-C) = –0.1 V, V(C) ≤ VDD, 3 V ≤ VDD ≤ 18 V,
Sustain turn-off current, I(GATE)
15
19.5
mA
2 V
≤ V(GATE) ≤ 18 V
MISCELLANEOUS
Thermal shutdown temperature
Temperature rising, TJ
135
°C
Thermal hysteresis
10
°C
FUNCTIONAL BLOCK DIAGRAM
4
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2412 TPS2413


Similar Part No. - TPS2412DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412DRG4 TI1-TPS2412DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
TPS2412DRG4 TI1-TPS2412DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
More results

Similar Description - TPS2412DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2410 TI-TPS2410 Datasheet
851Kb / 26P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com