Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0816X7R2E105B020A Datasheet(PDF) 3 Page - TDK Electronics

Part # C0816X7R2E105B020A
Description  Part Number Change Notification
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0816X7R2E105B020A Datasheet(HTML) 3 Page - TDK Electronics

  C0816X7R2E105B020A Datasheet HTML 1Page - TDK Electronics C0816X7R2E105B020A Datasheet HTML 2Page - TDK Electronics C0816X7R2E105B020A Datasheet HTML 3Page - TDK Electronics C0816X7R2E105B020A Datasheet HTML 4Page - TDK Electronics C0816X7R2E105B020A Datasheet HTML 5Page - TDK Electronics C0816X7R2E105B020A Datasheet HTML 6Page - TDK Electronics C0816X7R2E105B020A Datasheet HTML 7Page - TDK Electronics C0816X7R2E105B020A Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
6) Capacitance Tolerance
W: ±0.05pF, B: ±0.10pF, E: ±0.20pF, C: ±0.25pF, D: ±0.50pF, F: ±1%,
G: ±2%, J: ±5%, K: ±10%, M: ±20%
7) Thickness Code
020:0.20mm, 030:0.30mm, 045:0.45mm, 050:0.50mm, 055:0.55mm,
060:0.60mm, 070:0.70mm, 080:0.80mm, 085:0.85mm, 100:1.00mm,
110:1.10mm, 115:1.15mm, 125:1.25mm, 130:1.30mm, 160:1.60mm,
200:2.00mm, 230:2.30mm, 250:2.50mm, 280:2.80mm, 320:3.20mm,
335:3.35mm, 500:5.00mm
8) Packaging Code
A: 178mm Reel / 4mm Pitch
B: 178mm Reel / 2mm Pitch
C: 178mm Reel / 1mm Pitch
D: 330mm Reel / 4mm Pitch
E: 330mm Reel / 2mm Pitch
F: 330mm Reel / 1mm Pitch
G: Bulk Case (EIAJ STD)
H: Bulk Bag
J: 330mm Reel / 8mm Pitch
K: 178mm Reel / 8mm Pitch
L: 330mm Reel / 12mm Pitch
M: 178mm Reel / 12mm Pitch
9) Special Code
A: Internal Code, B: Internal Code, C: Internal Code
E: Soft Termination, F: High-Q(Std Design), G: High-Q(New Design)
H: MEGACAP(Std), J: MEGACAP(Auto), K: Soft Term Array(Std)
L: Soft Term Array(Auto), M: Open Mode Design


Similar Part No. - C0816X7R2E105B020A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0816X7R0J224M050AC TDK-C0816X7R0J224M050AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C0816X7R1C103M050AC TDK-C0816X7R1C103M050AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C0816X7R1C104M050AC TDK-C0816X7R1C104M050AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C0816X7R1C223M050AC TDK-C0816X7R1C223M050AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
C0816X7R1C473M050AC TDK-C0816X7R1C473M050AC Datasheet
140Kb / 1P
   Commercial Grade ( Low ESL Reverse Geometry )
More results

Similar Description - C0816X7R2E105B020A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X7R1E226M250KC TDK-C4532X7R1E226M250KC Datasheet
110Kb / 8P
   Part Number Change Notification
logo
AVX Corporation
SQCA2A620FA71A AVX-SQCA2A620FA71A Datasheet
1Mb / 633P
   Change Notification Product Part Series Name Change
September 16, 2020
logo
List of Unclassifed Man...
HZ0805D102R-10 ETC2-HZ0805D102R-10 Datasheet
310Kb / 3P
   Part Number Nomenclature
logo
AVX Corporation
06035A121FAT2A AVX-06035A121FAT2A Datasheet
40Kb / 2P
   Part Number Explanation
logo
TriQuint Semiconductor
854927 TRIQUINT-854927_15 Datasheet
570Kb / 5P
   Part Number 854927
logo
Qualtek Electronics Cor...
Q2-F-364-01-QB48IN-25 QUALTEK-Q2-F-364-01-QB48IN-25 Datasheet
823Kb / 1P
   PART NUMBER GUIDE
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com