Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC1203 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # TMC1203
Description  Triple Video A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC1203 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button TMC1203 Datasheet HTML 4Page - Fairchild Semiconductor TMC1203 Datasheet HTML 5Page - Fairchild Semiconductor TMC1203 Datasheet HTML 6Page - Fairchild Semiconductor TMC1203 Datasheet HTML 7Page - Fairchild Semiconductor TMC1203 Datasheet HTML 8Page - Fairchild Semiconductor TMC1203 Datasheet HTML 9Page - Fairchild Semiconductor TMC1203 Datasheet HTML 10Page - Fairchild Semiconductor TMC1203 Datasheet HTML 11Page - Fairchild Semiconductor TMC1203 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TMC1203
PRODUCT SPECIFICATION
8
Electrical Characteristics
Note:
1. Typical values with VDD = VDDA = Nom and TA = Nom, Minimum/Maximum values with VDD = VDDA = Max. and TA = Min..
Parameter
Conditions
Min.
Typ1
Max.
Units
IDD
Power Supply Current1
VDD = VDDA = VDDP = Max., CLOAD = 35pF, fCK = fS (3 A/Ds)
fS = 20 Msps
70
90
mA
fS = 40 Msps
94
120
mA
fS = 50 Msps
105
135
mA
IDDQ
Power Supply Current,
Quiescent
VDD = VDDA = Max.
CLKX = LOW
29
55
mA
CLKX = HIGH
45
65
mA
PD
Total Power Dissipation
VDD = VDDA = VDDP = Max., CLOAD = 35pF, fCK = fS (3 A/Ds)
fS = 20 Msps
300
470
mW
fS = 40 Msps
425
630
mW
fS = 50 Msps
490
710
mW
CAI
Input Capacitance, Analog
CLKX = LOW
4
pF
CLKX = HIGH
12
pF
RIN
Input Resistance
500
k
W
RREF
Reference Resistance
200
270
340
W
ICB
Input Current, Analog
±1
mA
IIH
Input Current, HIGH
VDD = Max., VIN = VDD
±5
mA
IIL
Input Current, LOW
VDD = Max., VIN = 0V
±5
mA
IOZH
Hi-Z Output Leakage Current,
Output HIGH
VDD = Max., VIN = VDD
±5
mA
IOZL
Hi-Z Output Leakage Current,
Output LOW
VDD = Max., VIN = VDD
±5
mA
IOS
Short-Circuit Current
-35
mA
VOH
Output Voltage, HIGH
IOH = -100mA
VDD-0.3
V
IOH = -2.5mA
3.5
V
IOH = Max.
2.4
V
VOL
Output Voltage, LOW
IOL = Max.
0.4
V
CDI
Digital Input Capacitance
4
10
pF
CDO
Digital Output Capacitance
10
pF


Similar Part No. - TMC1203

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
TMC1203KLC20 CADEKA-TMC1203KLC20 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
TMC1203KLC40 CADEKA-TMC1203KLC40 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
TMC1203KLC50 CADEKA-TMC1203KLC50 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
More results

Similar Description - TMC1203

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC3003 FAIRCHILD-TMC3003 Datasheet
96Kb / 12P
   Triple Video D/A Converter
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Cadeka Microcircuits LL...
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
logo
Cadeka Microcircuits LL...
TMC1103 CADEKA-TMC1103 Datasheet
187Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com