Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2011AN2C Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # TMC2011AN2C
Description  Variable-Length Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2011AN2C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  TMC2011AN2C Datasheet HTML 1Page - Fairchild Semiconductor TMC2011AN2C Datasheet HTML 2Page - Fairchild Semiconductor TMC2011AN2C Datasheet HTML 3Page - Fairchild Semiconductor TMC2011AN2C Datasheet HTML 4Page - Fairchild Semiconductor TMC2011AN2C Datasheet HTML 5Page - Fairchild Semiconductor TMC2011AN2C Datasheet HTML 6Page - Fairchild Semiconductor TMC2011AN2C Datasheet HTML 7Page - Fairchild Semiconductor TMC2011AN2C Datasheet HTML 8Page - Fairchild Semiconductor TMC2011AN2C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TMC2011A/2111A
PRODUCT SPECIFICATION
4
Table 1. Programming Length Controls
Pin Descriptions – TMC2111A
Pin Name
Pin Number
Pin Function Description
DIP
PLCC
Power
VDD
78
Supply Voltage. The TMC2111A operates from a single +5V supply. All
power and ground lines must be connected.
GND
17,18
20,21,22
Ground. The TMC2111A operates from a single +5V supply. All power
and ground lines must be connected.
Data Inputs
DI7-0
12,11,10,
9,4,3,2,1
14,13,12,
10,5,4,3,2
Data Input. Eight inputs are provided for the data, which pass through the
shift register unchanged. The TMC2111A consists of a single group of
eight bits with all data bits having equal delays.
Data Outputs
DO7-0
13,14,15,
16,21,22,
23,24
15,16,17,
18,26,27,
28,1
Data Output. The outputs of the shift register are delayed relative to the
input signals. The amount of the delay is programmable (see Table 1).
The outputs remain valid for a minimum of tHO nanoseconds after the
leading edge of CLK. This allow the data to be latched into circuits with
non-zero hold time requirements.
Controls
CLK
8
9
Master Clock. All inputs and outputs are synchronous and operate from a
single master clock. All operations occur on the rising edge of the master
clock.
L3-0
19,20,6,5
23,24,7,6
Length Select. The length select input is used to determine the register
delay of the TMC2111A. This input is registered and affects the output tDO
after the clock edge after it is input to the device (see Timing Diagram).
Delay lengths are specified in Table 1.
TMC2011A
TMC2111A
Input Code
Mode (MC) =0
Mode (MC) =1
L3
L2
L1
L0
DO3-0 Length
DO7-4 Length
DO3-0 Length
DO7-4 Length
DO7-0 Length
0
0
0
0
333
18
1
0
0
0
1
444
18
2
0
0
1
0
555
18
3
0
0
1
1
666
18
4
0
1
0
0
777
18
5
0
1
0
1
888
18
6
0
1
1
0
999
18
7
0
1
1
1
10
10
10
18
8
1
0
0
0
11
11
11
18
9
1
0
0
1
12
12
12
18
10
1
0
1
0
13
13
13
18
11
1
0
1
1
14
14
14
18
12
1
1
0
0
15
15
15
18
13
1
1
0
1
16
16
16
18
14
1
1
1
0
17
17
17
18
15
1
1
1
1
18
18
18
18
16


Similar Part No. - TMC2011AN2C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2011AN2C CADEKA-TMC2011AN2C Datasheet
179Kb / 12P
   Variable-Length Shift Register
TMC2011AN2C1 CADEKA-TMC2011AN2C1 Datasheet
179Kb / 12P
   Variable-Length Shift Register
More results

Similar Description - TMC2011AN2C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
   Variable-Length Shift Register
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
SM5839A NPC-SM5839A Datasheet
83Kb / 8P
   High-Speed Variable-Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
   4/8-bit Variable Length Shift Register
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
   1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
logo
Nippon Precision Circui...
SM5829P NPC-SM5829P Datasheet
231Kb / 8P
   High-speed, 8-bit Variable-length Shift Register
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
   1-to-64 bit variable length shift register
January 1995
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
   1-to-64-bit Variable Length Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com