Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7943BR Datasheet(PDF) 6 Page - Analog Devices

Part # AD7943BR
Description  3.3 V/5 V Multiplying 12-Bit DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7943BR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7943BR Datasheet HTML 2Page - Analog Devices AD7943BR Datasheet HTML 3Page - Analog Devices AD7943BR Datasheet HTML 4Page - Analog Devices AD7943BR Datasheet HTML 5Page - Analog Devices AD7943BR Datasheet HTML 6Page - Analog Devices AD7943BR Datasheet HTML 7Page - Analog Devices AD7943BR Datasheet HTML 8Page - Analog Devices AD7943BR Datasheet HTML 9Page - Analog Devices AD7943BR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7943/AD7945/AD7948
REV. B
–6–
AD7945 TIMING SPECIFICATIONS1 (T
A = TMIN to TMAX, unless otherwise noted)
Limit @
Limit @
Parameter
VDD = +3 V to +3.6 V
VDD = +4.5 V to +5.5 V
Units
Description
tDS
35
20
ns min
Data Setup Time
tDH
10
10
ns min
Data Hold Time
tCS
60
40
ns min
Chip Select Setup Time
tCH
0
0
ns min
Chip Select Hold Time
tWR
60
40
ns min
Write Pulsewidth
NOTES
1All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
Specifications subject to change without notice.
DATA VALID
CS
tCH
tDS
tDH
WR
DB11–DB0
tCS
tWR
Figure 3. AD7945 Timing Diagram
AD7948 TIMING SPECIFICATIONS1 (T
A = TMIN to TMAX, unless otherwise noted)
Limit @
Limit @
Parameter
VDD = +3 V to +3.6 V
VDD = +4.5 V to +5.5 V
Units
Description
tDS
45
30
ns min
Data Setup Time
tDH
10
10
ns min
Data Hold Time
tCWS
0
0
ns min
CSMSB or CSLSB to WR Setup Time
tCWH
0
0
ns min
CSMSB or CSLSB to WR Hold Time
tLWS
0
0
ns min
LDAC to WR Setup Time
tLWH
0
0
ns min
LDAC to WR Hold Time
tWR
60
40
ns min
Write Pulsewidth
NOTES
1All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
Specifications subject to change without notice.
DATA
VALID
DATA
VALID
WR
tCWS
tCWH
tCWS
tCWH
tLWH
tLWS
tDH
tDS
tWR
tWR
tDH
tDS
CSMSB
CSLSB
LDAC
DB7–DB0
Figure 4. AD7948 Timing Diagram


Similar Part No. - AD7943BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7943BR AD-AD7943BR Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BR AD-AD7943BR Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BR AD-AD7943BR Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BR AD-AD7943BR Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
AD7943BR AD-AD7943BR Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results

Similar Description - AD7943BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com