Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD629 Datasheet(PDF) 10 Page - Analog Devices

Part # AD629
Description  Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD629 Datasheet HTML 6Page - Analog Devices AD629 Datasheet HTML 7Page - Analog Devices AD629 Datasheet HTML 8Page - Analog Devices AD629 Datasheet HTML 9Page - Analog Devices AD629 Datasheet HTML 10Page - Analog Devices AD629 Datasheet HTML 11Page - Analog Devices AD629 Datasheet HTML 12Page - Analog Devices AD629 Datasheet HTML 13Page - Analog Devices AD629 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8278/AD8279
Rev. C | Page 10 of 24
10
–10
–8
–6
–4
–2
0
2
4
6
8
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT VOLTAGE (V)
VS = 5V
VREF = MIDSUPPLY
VS = 2.7V
Figure 13. Input Common-Mode Voltage vs. Output Voltage,
5 V and 2.7 V Supplies, VREF = Midsupply, G = ½
12
–6
–4
–2
0
2
4
6
8
10
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT VOLTAGE (V)
VS = 5V
VS = 2.7V
VREF = 0V
Figure 14. Input Common-Mode Voltage vs. Output Voltage,
5 V and 2.7 V Supplies, VREF = 0 V, G = ½
30
–30
–20
–10
0
10
20
–20
–15
–10
–5
0
10
20
515
OUTPUT VOLTAGE (V)
VS = ±5V
VS = ±15V
Figure 15. Input Common-Mode Voltage vs. Output Voltage,
±15 V and ±5 V Supplies, G = 2
5
–3
–2
–1
0
1
2
3
4
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT VOLTAGE (V)
VS = 5V
VS = 2.7V
VREF = MIDSUPPLY
Figure 16. Input Common-Mode Voltage vs. Output Voltage,
5 V and 2.7 V Supplies, VREF = Midsupply, G = 2
6
5
–2
–1
0
1
2
3
4
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
OUTPUT VOLTAGE (V)
VS = 5V
VS = 2.7V
VREF = 0V
Figure 17. Input Common-Mode Voltage vs. Output Voltage,
5 V and 2.7 V Supplies, VREF = 0 V, G = 2
18
–36
–30
–24
–18
–12
–6
0
6
12
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
GAIN = 2
GAIN = ½
Figure 18. Gain vs. Frequency, ±15 V Supplies


Similar Part No. - AD629

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
AD629 AD-AD629 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD629 AD-AD629 Datasheet
595Kb / 24P
   Precision, Dual-Channel Instrumentation Amplifier
REV. 0
AD629 AD-AD629 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
AD629 AD-AD629 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
More results

Similar Description - AD629

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8276 AD-AD8276 Datasheet
542Kb / 20P
   Low Power, Wide Supply Range, Low Cost Unity-Gain Difference Amplifiers
REV. A
AD8279 AD-AD8279 Datasheet
671Kb / 18P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers, G = 쩍, 2
Rev. PrA
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
LMV841 TI1-LMV841_16 Datasheet
1Mb / 38P
[Old version datasheet]   LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
logo
Analog Devices
AD817 AD-AD817 Datasheet
322Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
AD817ARZ AD-AD817ARZ Datasheet
226Kb / 12P
   High Speed, Low Power Wide Supply Range Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com