Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC0402KKXSR6BB105 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CC0402KKXSR6BB105
Description  SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0402KKXSR6BB105 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CC0402KKXSR6BB105 Datasheet HTML 5Page - YAGEO Corporation CC0402KKXSR6BB105 Datasheet HTML 6Page - YAGEO Corporation CC0402KKXSR6BB105 Datasheet HTML 7Page - YAGEO Corporation CC0402KKXSR6BB105 Datasheet HTML 8Page - YAGEO Corporation CC0402KKXSR6BB105 Datasheet HTML 9Page - YAGEO Corporation CC0402KKXSR6BB105 Datasheet HTML 10Page - YAGEO Corporation CC0402KKXSR6BB105 Datasheet HTML 11Page - YAGEO Corporation CC0402KKXSR6BB105 Datasheet HTML 12Page - YAGEO Corporation CC0402KKXSR6BB105 Datasheet HTML 13Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.yageo.com
Feb 10, 2012 V.12
General Purpose & High Cap.
4 V to 50 V
Surface Mount Multilayer Ceramic Capacitors
9
18
Product specification
X5R
ELECTRICAL CHARACTERISTICS
X
X55R
R D
DIIE
EL
LE
EC
CT
TR
RIIC
C C
CA
AP
PA
AC
CIIT
TO
OR
RS
S;; N
NIIS
SN
N T
TE
ER
RM
MIIN
NA
AT
TIIO
ON
NS
S
Unless otherwise specified, all tests and measurements shall be made under standard atmospheric conditions
for testing as given in 5.3 of IEC 60068-1:
-
Temperature: 15
°C to 35 °C
-
Relative humidity: 25% to 75%
-
Air pressure: 86 kPa to 106 kPa
Before the measurements are made, the capacitor shall be stored at the measuring temperature for a time
sufficient to allow the entire capacitor to reach this temperature.
The period as prescribed for recovery at the end of a test is normally sufficient for this purpose.
DESCRIPTION
VALUE
Capacitance range
10 nF to 100 µF
Capacitance tolerance
±10% and ±20%
Dissipation factor (D.F.)
6.3 V
≤ 5%
Exception: 0402 ≥ 180 nF;
1210 ≥ 22 µF
≤ 7%
0201 ≥ 12 nF;
0402 ≥ 330 nF;
0603 ≥ 2.2 µF;
≤ 10%
0805 ≥ 1 µF;
1206 ≥ 22 µF;
1210 ≥ 100 µF
10 V
≤ 5%
Exception: 0402 ≥ 180 nF;
0805 ≥ 1 µF;
1206 ≥ 6.8 µF
≤ 7%
0201 ≥ 100 nF;
0402 ≥ 330 nF;
0603 ≥ 1 µF;
≤ 10%
0805 ≥ 2.2 µF;
1206 ≥ 10 µF;
1210 ≥ 10 µF
16 V
≤ 5%
Exception: 0402 ≥ 180 nF;
0603 ≥ 680 nF;
0805 ≥ 1 µF
≤ 7%
0402 ≥ 330 nF;
0603 ≥ 2.2 µF;
0805 ≥ 10 µF
≤ 10%
1206 ≥ 10 µF;
1210 ≥ 10 µF
≥ 25 V
≤ 3.5%
Exception: 0402 ≥ 27 nF;
0603 ≥ 220 nF;
0805 ≥ 2.2 µF;
≤ 5%
1206 ≥ 4.7 µF;
1210 ≥ 10 µF
0402 ≥ 180 nF
≤ 7%
0805 ≥ 4.7 µF;
1206 ≥ 10 µF
≤ 10%
Insulation resistance after 1 minute at Ur (DC)
Rins ≥ 10 GΩ or Rins × Cr ≥ 500 seconds whichever is less
Maximum capacitance change as a function of temperature
(temperature characteristic/coefficient):
±15%
Operating temperature range:
–55 °C to +85 °C
Table 6


Similar Part No. - CC0402KKXSR6BB105

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0402KKXSR6BB106 YAGEO-CC0402KKXSR6BB106 Datasheet
374Kb / 18P
   SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - CC0402KKXSR6BB105

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com