Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1088 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL1088
Description  500mA Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1088 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL1088_04 Datasheet HTML 1Page - Anpec Electronics Coropration APL1088_04 Datasheet HTML 2Page - Anpec Electronics Coropration APL1088_04 Datasheet HTML 3Page - Anpec Electronics Coropration APL1088_04 Datasheet HTML 4Page - Anpec Electronics Coropration APL1088_04 Datasheet HTML 5Page - Anpec Electronics Coropration APL1088_04 Datasheet HTML 6Page - Anpec Electronics Coropration APL1088_04 Datasheet HTML 7Page - Anpec Electronics Coropration APL1088_04 Datasheet HTML 8Page - Anpec Electronics Coropration APL1088_04 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Dec., 2000
APL1088
www.anpec.com.tw
4
Input Voltage vs. Adjust Current
Input Voltage vs. Current limit
Iout vs. Load Regulation
Iout vs. Dropout Voltage
Output Current
Output Current
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
0
100
200
300
400
500
0
1
2
3
4
5
6
7
8
VIN=5V
100
200
300
400
500
Input Voltage (V)
730
740
750
760
770
780
790
800
810
820
830
840
45
6
7
8
9
Input Voltage (V)
0
10
20
30
40
50
60
70
80
02
4
6
8
10
Typical Characteristics


Similar Part No. - APL1088_04

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1088DC-PB ANPEC-APL1088DC-PB Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
APL1088DC-TR ANPEC-APL1088DC-TR Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
APL1088EC-PB ANPEC-APL1088EC-PB Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
APL1088EC-TR ANPEC-APL1088EC-TR Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
More results

Similar Description - APL1088_04

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com