Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL108725DC-TRG Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL108725DC-TRG
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL108725DC-TRG Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL108725DC-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APL108725DC-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APL108725DC-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL108725DC-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL108725DC-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL108725DC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL108725DC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL108725DC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL108725DC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Dec., 2008
APL1087
www.anpec.com.tw
4
APL1087
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
PSRR
Ripple Rejection
FRIPPLE=120Hz, VRIPPLE=1VP-P,
(VIN -VOUT)=3V, TJ=0~125
°C
60
75
-
dB
TR
Thermal Regulation
TJ=25
°C, 30ms Pulse
-
0.01
0.02
%/ W
TS
Temperature Stability
-
0.5
-
%
LS
Long -Term Stability
TJ =125
°C,1000Hrs.
-
0.3
-
%
VN
RMS Output Noise
TJ=25
°C,10Hz≤F≤10kHz, (% of V
OUT)
-
0.003
-
%
OT
Over Temperature Point
-
150
-
°C
Quiescent Current
APL1087-18
APL1087-25
APL1087-33
TJ=0~125
°C,
VIN
≤9V
VIN
≤9V
VIN
≤9V
-
5.5
5.5
5.5
10
10
10
mA
Electrical Characteristics (Cont.)
Note : 1 : See thermal regulation specifications for changes in output voltage due to heating effects. Load line regulations are mea-
sured at a constant junction temperature by low duty cycle pulse testing.
2 : Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/
output differential measured at the specified output current. Test points and limits are also shown on the Dropout Voltage
curve.
3 : Minimum load current is defined as the minimum output current required to maintain regulation.


Similar Part No. - APL108725DC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TR ANPEC-APL1087-18DC-TR Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TRL ANPEC-APL1087-18DC-TRL Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TU ANPEC-APL1087-18DC-TU Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087-18DC-TUL ANPEC-APL1087-18DC-TUL Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
More results

Similar Description - APL108725DC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
logo
Anpec Electronics Corop...
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
STMicroelectronics
LD1585C STMICROELECTRONICS-LD1585C_05 Datasheet
439Kb / 25P
   5A Low dropout fast response positive voltage regulator adjustable and fixed
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com