Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1565A28KC-TRL Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL1565A28KC-TRL
Description  1A Low Dropout, Fast Response Fixed Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1565A28KC-TRL Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL1565A28KC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL1565A28KC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL1565A28KC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL1565A28KC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL1565A28KC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL1565A28KC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL1565A28KC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL1565A28KC-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL1565A28KC-TRL Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Mar., 2008
APL1565A
www.anpec.com.tw
11
Carrier Tape & Reel Dimensions
Package Type
Unit
Quantity
SOP- 8
Tape & Reel
2500
Devices Per Unit
(mm)
A
A
B
P0
OD0
B
A0
P2
K0
SECTION B-B
SECTION A-A
OD1
P1
T1
d
Application
A
H
T1
C
d
D
W
E1
F
330.0±
2.00
50 MIN.
12.4+2.00
-0.00
13.0+0.50
-0.20
1.5 MIN.
20.2 MIN. 12.0±
0.30 1.75±
0.10
5.5±
0.05
P0
P1
P2
D0
D1
T
A0
B0
K0
SOP-8
4.0±
0.10
8.0±
0.10
2.0±
0.05
1.5+0.10
-0.00
1.5 MIN.
0.6+0.00
-0.40
6.40±
0.20 5.20±
0.20 2.10±
0.20


Similar Part No. - APL1565A28KC-TRL

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL1568-R ASB-APL1568-R Datasheet
117Kb / 2P
   PLL Synthesizer Module
June 2010
More results

Similar Description - APL1565A28KC-TRL

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2811 SIPEX-SPX2811 Datasheet
225Kb / 5P
   10A Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Anpec Electronics Corop...
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
   1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com