Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2011AR3C1 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # TMC2011AR3C1
Description  Variable-Length Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2011AR3C1 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button TMC2011AR3C1 Datasheet HTML 2Page - Fairchild Semiconductor TMC2011AR3C1 Datasheet HTML 3Page - Fairchild Semiconductor TMC2011AR3C1 Datasheet HTML 4Page - Fairchild Semiconductor TMC2011AR3C1 Datasheet HTML 5Page - Fairchild Semiconductor TMC2011AR3C1 Datasheet HTML 6Page - Fairchild Semiconductor TMC2011AR3C1 Datasheet HTML 7Page - Fairchild Semiconductor TMC2011AR3C1 Datasheet HTML 8Page - Fairchild Semiconductor TMC2011AR3C1 Datasheet HTML 9Page - Fairchild Semiconductor TMC2011AR3C1 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TMC2011A/2111A
PRODUCT SPECIFICATION
6
Electrical Characteristics
Switching Characteristics
Parameter
Conditions
Min
Typ
Max
Units
IDDU
Power Supply Current, Unloaded
VDD = Max, fCLK=30 MHz
VDD = Max, fCLK=40 MHz
30
40
mA
mA
IDDQ
Power Supply Current, Quiescent
VDD = Max, CLK = LOW
0.5
mA
CPIN
I/O Pin Capacitance
5
pF
IIH
Input Current, HIGH
VDD = Max, VIN = VDD
±10
mA
IIL
Input Current, LOW
VDD = Max, VIN = 0 V
±10
mA
IOS
Short-Circuit Current
-100
mA
VOH
Output Voltage, HIGH
DO7-0, IOH = Max
2.4
V
VOL
Output Voltage, LOW
DO7-0, IOL = Max
0.4
V
Parameter
Conditions
Min
Typ
Max
Units
tDO
Output Delay Time
CLOAD = 25 pF
15
ns
tHO
Output Hold Time
CLOAD = 25 pF
3
ns


Similar Part No. - TMC2011AR3C1

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2011AR3C1 CADEKA-TMC2011AR3C1 Datasheet
179Kb / 12P
   Variable-Length Shift Register
More results

Similar Description - TMC2011AR3C1

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
   Variable-Length Shift Register
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
SM5839A NPC-SM5839A Datasheet
83Kb / 8P
   High-Speed Variable-Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
   4/8-bit Variable Length Shift Register
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
   1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
logo
Nippon Precision Circui...
SM5829P NPC-SM5829P Datasheet
231Kb / 8P
   High-speed, 8-bit Variable-length Shift Register
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
   1-to-64 bit variable length shift register
January 1995
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
   1-to-64-bit Variable Length Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com