Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL108625VC-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL108625VC-TRG
Description  1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL108625VC-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL108625VC-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL108625VC-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL108625VC-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL108625VC-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL108625VC-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL108625VC-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL108625VC-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APL108625VC-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APL108625VC-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Dec., 2008
APL1086
www.anpec.com.tw
10
Package Information
TO-220
A2
e
P
A
A1
c
E1
b
b2
E/2
E
E2
S
Y
M
B
O
L
MIN.
MAX.
4.83
0.51
1.14
1.78
0.36
0.61
14.22
16.51
1.40
12.19
A
A1
b2
c
D
D1
D2
E
MILLIMETERS
b
0.38
1.02
2.54 BSC
TO-220
9.65
10.67
6.86
0.100 BSC
MIN.
MAX.
INCHES
0.190
0.020
0.015
0.040
0.045
0.070
0.014
0.024
0.560
0.650
0.480
0.380
0.420
0.270
3.56
0.140
0.055
E1
0.355
0.250
0.580
P
L
L1
e
12.70
8.38
9.02
6.35
14.73
0.500
0.330
Q
H1
5.84
6.86
0.230
0.270
4.09
0.161
2.03
A2
2.92
0.080
0.115
E2
0.76
0.030
12.88
0.507
0.350
8.89
3.53
0.139
2.54
3.43
0.100
0.135
Note: Follow JEDEC TO-220 AB.


Similar Part No. - APL108625VC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086-18FC-TR ANPEC-APL1086-18FC-TR Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086-18FC-TU ANPEC-APL1086-18FC-TU Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086-18GC-TR ANPEC-APL1086-18GC-TR Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086-18GC-TU ANPEC-APL1086-18GC-TU Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL108625VC-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com