Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3512AKI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL3512AKI-TRG
Description  Power-Distribution Switches with Soft Start
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3512AKI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL3512AKI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3512AKI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3512AKI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3512AKI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3512AKI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3512AKI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3512AKI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3512AKI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3512AKI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2012
APL3512
www.anpec.com.tw
7
Typical Operating Characteristics (Cont.)
Output Current (A)
Output Voltage vs. Output Current
V
IN=5V
T
A=25
oC
0.0
2.5
3.0
3.5
4.0
4.5
5.0
2.0
1.5
1.0
0.5
0
1
2
3
4
V
IN=3.3V
Turn Off Leakage Current vs.
Junction Temperature
Junction Temperature (oC)
V
IN = 5V, RLOAD = 0Ω,
C
IN = COUT =1µF/X7R
0
2
4
6
8
10
-50
0
50
100
150
SS Current vs. Junction Temperature
Junction Temperature (oC)
V
IN =5V
0.4
1.2
2.0
2.4
2.8
3.2
1.6
0.8
-50
0
50
100
150


Similar Part No. - APL3512AKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510ABI-TRG ANPEC-APL3510ABI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AKI-TRG ANPEC-APL3510AKI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AXI-TRG ANPEC-APL3510AXI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510BBI-TRG ANPEC-APL3510BBI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
More results

Similar Description - APL3512AKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3546 ANPEC-APL3546 Datasheet
493Kb / 17P
   Power -Distribution Switches with Soft Start
APL3546A ANPEC-APL3546A Datasheet
329Kb / 17P
   Power -Distribution Switches with Soft Start
APL3514 ANPEC-APL3514 Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
logo
Unisonic Technologies
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
241Kb / 7P
   With internal Soft-Start
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com