Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812PS-272JLC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1812PS-272JLC
Description  Shielded High SRF Inductors - 1812PS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812PS-272JLC Datasheet(HTML) 1 Page - Coilcraft lnc.

  1812PS-272JLC Datasheet HTML 1Page - Coilcraft lnc. 1812PS-272JLC Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
• Higher SRF than our other power inductors
• High inductance with tight tolerance
• Excellent current handling for a part this size
Document 252-1
Document 252-1 Revised 03/14/12
DCR
SRF
Part
L2
%
Q
max5
typ6 Isat7 Irms8
number1
(µH)
tol3 min4 (Ohms) (MHz) (A)
(A)
1812PS-102_L_
1.0
10,5 35
0.05
685
2.50 2.70
1812PS-122_L_
1.2
10,5 38
0.06
460
2.00 2.60
1812PS-152_L_
1.5
10,5 38
0.06
460
2.00 2.60
1812PS-222_L_
2.2
10,5 38
0.07
270
1.70 2.40
1812PS-272_L_
2.7
10,5 40
0.08
265
1.40 2.30
1812PS-332_L_
3.3
10,5 40
0.09
225
1.40 2.30
1812PS-392_L_
3.9
10,5 40
0.11
170
1.20 2.20
1812PS-472_L_
4.7
10,5 40
0.11
165
1.15 2.10
1812PS-562_L_
5.6
10,5 40
0.12
155
1.10 2.10
1812PS-682_L_
6.8
10,5 40
0.13
140
1.00 1.90
1812PS-103_L_
10
10,5 40
0.17
120
0.90 1.70
1812PS-153_L_
15
10,5 40
0.26
100
0.70 1.45
1812PS-223_L_
22
10,5 40
0.33
45
0.54 1.20
1812PS-333_L_
33
10,5 40
0.40
30
0.46 1.10
1812PS-393_L_
39
10,5 48
0.56
30
0.40 1.00
1812PS-473_L_
47
10,5 50
0.87
28
0.35 0.80
1812PS-683_L_
68
10,5 50
1.08
17
0.32 0.67
1812PS-823_L_
82
10,5 55
1.25
17
0.28 0.65
1812PS-104_L_
100
10,5 60
1.32
14
0.27 0.65
1812PS-124_L_
120
10,5 60
1.45
12
0.23 0.60
1812PS-154_L_
150
10,5 60
2.20
11
0.20 0.51
1812PS-224_L_
220
10,5 60
2.65
7
0.17 0.47
1812PS-334_L_
330
10,5 60
4.85
5.5 0.15 0.31
1812PS-474_L_
470
10,5 50
5.85
4.0 0.12 0.31
1812PS-564_L_
560
10,5 40
6.10
2.6 0.11 0.28
1812PS-684_L_
680
10,5 40
6.60
2.3 0.10 0.28
1812PS-824_L_
820
10,5 30
7.35
1.8 0.09 0.25
1812PS-105_L_ 1000
10,5 28
10.00
1.8 0.08 0.22
1. When ordering, specify
tolerance and packaging codes:
1812PS-105JLC
Tolerance:
J = 5% K = 10%
(Table shows stock tolerances in bold.)
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (600 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (2200 parts per
full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, using aCoilcraft SMD-A
fixture in an Agilent/HP 4263B LCR meter.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured at 1 MHz on an Agilent/HP 4291 with an Agilent/HP 16193
test fixture.
5. DCR measured on micro-ohmmeter and a Coilcraft CCF840 test
fixture.
6. SRF measured using an Agilent/HP 8753D network analyzer and a
Coilcraft SMD-D test fixture.
7. DC current at which the inductance drops 10% (typ) from its value
without current.
8. Current that causes a 40°C temperature rise from 25°C ambient.
9. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Core material Ceramic/Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Weight 286– 323 mg
Ambient temperature –40°C to +105°C with
Irms current, +105°C
to +145°C with derated current
Storage temperature Component: –40°C to +145°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 600 per 7
″ reel; 2200 per 13″ reel;
Plastic tape: 12 mm wide, 0.25 mm thick, 4 mm pocket spacing,
3.9 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
ShieldedHighSRFInductors–1812PS


Similar Part No. - 1812PS-272JLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812PS-272JLB COILCRAFT-1812PS-272JLB Datasheet
262Kb / 2P
   Shielded High SRF Inductors 1812PS
1812PS-272JLB COILCRAFT-1812PS-272JLB Datasheet
262Kb / 2P
   Shielded High SRF Inductors ??1812PS
More results

Similar Description - 1812PS-272JLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812PS-222KLB COILCRAFT-1812PS-222KLB Datasheet
262Kb / 2P
   Shielded High SRF Inductors ??1812PS
1812PS-103KLB COILCRAFT-1812PS-103KLB Datasheet
226Kb / 2P
   Shielded High SRF Inductors ??1812PS
1812PS-152KLC COILCRAFT-1812PS-152KLC Datasheet
264Kb / 2P
   Shielded High SRF Inductors ??1812PS
1812PS-105JLC COILCRAFT-1812PS-105JLC Datasheet
262Kb / 2P
   Shielded High SRF Inductors 1812PS
0805PS COILCRAFT-0805PS_18 Datasheet
269Kb / 2P
   Shielded High SRF Inductors
1008PS COILCRAFT-1008PS_18 Datasheet
261Kb / 2P
   Shielded High SRF Inductors
1812PS COILCRAFT-1812PS_17 Datasheet
274Kb / 2P
   Shielded High SRF Inductors
0603PS COILCRAFT-0603PS_18 Datasheet
276Kb / 2P
   Shielded High SRF Inductors
1008PS-105KLC COILCRAFT-1008PS-105KLC Datasheet
250Kb / 2P
   Shielded High SRF Inductors 1008PS
1008PS-182KLC COILCRAFT-1008PS-182KLC Datasheet
213Kb / 2P
   Shielded High SRF Inductors - 1008PS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com