Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3523A Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL3523A
Description  Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3523A Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL3523A Datasheet HTML 1Page - Anpec Electronics Coropration APL3523A Datasheet HTML 2Page - Anpec Electronics Coropration APL3523A Datasheet HTML 3Page - Anpec Electronics Coropration APL3523A Datasheet HTML 4Page - Anpec Electronics Coropration APL3523A Datasheet HTML 5Page - Anpec Electronics Coropration APL3523A Datasheet HTML 6Page - Anpec Electronics Coropration APL3523A Datasheet HTML 7Page - Anpec Electronics Coropration APL3523A Datasheet HTML 8Page - Anpec Electronics Coropration APL3523A Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Mar., 2013
APL3523A
www.anpec.com.tw
4
Electrical Characteristics
APL3523A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SOFT-START CONTROL PIN
SS Discharge Current
VSS1,2=6V, VEN1,2=0V, EN2=low, measured at
SS1 or SS2
-
560
-
µA
EN INPUT PIN
Input Logic High
1.2
-
-
V
Input Logic Low
-
-
0.4
V
Input Current
-
-
1
µA
OVERT-TEMPERATURE PROTECTION (OTP)
Over-Temperature Threshold
TJ rising
-
160
-
°C
Over-Temperature Hysteresis
-
40
-
°C
Unless otherwise specified, these specifications apply over V
IN1= VIN2= 0.8V~5.5V,
V
EN1= VEN2=VBIAS =5V and TA= -40~85
oC.
Typical values are at T
A=25
oC.
Timing Chart
Figure 1. t
ON/tOFF, tR/tF Waveforms
90%
90%
tR
10%
10%
tF
VOUT
50%
50%
50%
50%
tOFF
tD
tON
VOUT
VEN


Similar Part No. - APL3523A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523QBI-TRG ANPEC-APL3523QBI-TRG Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
More results

Similar Description - APL3523A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523 ANPEC-APL3523 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3526 ANPEC-APL3526 Datasheet
208Kb / 14P
   Ultra-Low On-Resistance, 6A Load Switch with Soft Start
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
   Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
logo
Advanced Power Electron...
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com