Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3523QBI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL3523QBI-TRG
Description  Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3523QBI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL3523QBI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APL3523QBI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3523QBI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3523QBI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3523QBI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3523QBI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3523QBI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3523QBI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3523QBI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jan., 2013
APL3523
www.anpec.com.tw
7
Typical Operating Characteristics
Turn Off Time vs. VIN Supply
Voltage
VIN Supply Voltage, VIN (V)
0
1
2
3
4
5
VBIAS = 3V, RL = 10
CSS = 1 nF, COUT = 0.1
µF
-40
25
85
125
0.8 1 .0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
Turn Off Time vs . VIN Supply
Voltage
VIN Supply Voltage, VIN (V)
0.8 1.0 1.2 1.4 1 .6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
0
1
2
3
4
5
VBIAS = 5.5V, RL = 10
CSS = 1nF, COUT = 0.1
µF
-40
25
85
125
Rising Time vs. VIN Supply Voltage
VIN Supply Voltage, VIN (V)
0.5
1.0
1.5
2.0
2.5
3 .0
V
BIAS = 3V, RL = 10Ω
CSS = 1 nF, COUT = 0.1
µF
0
200
400
600
800
1000
1200
1400
-40
25
85
125
Rising Time vs. VIN Supply Voltage
VIN Supply Voltage, VIN (V)
V
BIAS = 5.5V, RL = 10 Ω
CSS = 1nF, COUT = 0 .1
µF
0
500
1000
1500
2000
2500
3000
0.5
1.0 1 .5
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5 .5
- 40
25
85
125
Turn On Time vs. VIN Supply
Voltage
VIN Supply Voltage, VIN (V)
0
200
400
600
800
1000
1200
0.5
1.0
1 .5
2.0
2.5
3.0
VBIAS = 3 V, RL = 10
C
SS = 1nF , COUT = 0.1 µF
-40
25
85
125
Turn On Time vs. VIN Supply
Voltage
VIN Supply Voltage, VIN (V)
VBIAS = 5.5V, RL = 10
CSS = 1nF, COUT = 0.1µF
0.5 1 .0 1.5 2.0
2.5 3.0 3 .5 4.0 4.5 5.0
5.5
0
200
400
600
800
1000
1200
1400
1600
1800
2000
-40
25
85
125


Similar Part No. - APL3523QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523AQBI-TRG ANPEC-APL3523AQBI-TRG Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
More results

Similar Description - APL3523QBI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3533 ANPEC-APL3533 Datasheet
600Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3523A ANPEC-APL3523A Datasheet
609Kb / 21P
   Ultra-Low On-Resistance, 6A Dual Load Switch with Soft Start
APL3526 ANPEC-APL3526 Datasheet
208Kb / 14P
   Ultra-Low On-Resistance, 6A Load Switch with Soft Start
APL3538 ANPEC-APL3538 Datasheet
184Kb / 16P
   Ultra-LowOn-Resistance, 6A Dual Load Switch with Soft Start
logo
Advanced Power Electron...
APS8922A A-POWER-APS8922A Datasheet
965Kb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8910 A-POWER-APE8910_16 Datasheet
1Mb / 12P
   ULTRA LOW ON RESISTANCE 6A DUAL LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com