Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3546A Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL3546A
Description  Power -Distribution Switches with Soft Start
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3546A Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL3546A Datasheet HTML 6Page - Anpec Electronics Coropration APL3546A Datasheet HTML 7Page - Anpec Electronics Coropration APL3546A Datasheet HTML 8Page - Anpec Electronics Coropration APL3546A Datasheet HTML 9Page - Anpec Electronics Coropration APL3546A Datasheet HTML 10Page - Anpec Electronics Coropration APL3546A Datasheet HTML 11Page - Anpec Electronics Coropration APL3546A Datasheet HTML 12Page - Anpec Electronics Coropration APL3546A Datasheet HTML 13Page - Anpec Electronics Coropration APL3546A Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2013
www.anpec.com.tw
10
APL3546A
Application Information
Input Capacitor
Output Capacitor
A low-ESR 10
µF MLCC, aluminum electrolytic or tanta-
lum between VOUT and GND is strongly recommended
to reduce the voltage droop during hot-attachment of
downstream peripheral. Higher-value output capacitor is
better when the output load is heavy. Additionally, bypass-
ing the output with a 0.1
µF ceramic capacitor improves
the immunity of the device to short-circuit transients.
The PCB layout should be carefully performed to maxi-
mize thermal dissipation and to minimize voltage drop,
droop and EMI. The following guidelines must be
considered:
1. Please place the input capacitors near the VIN pin as
close as possible.
2. Output decoupling capacitors for load must be placed
near the load as close as possible for decoupling high
frequency ripples.
3. Locate APL3546A and output capacitors near the load
to reduce parasitic resistance and inductance for excel-
lent load transient performance.
4. The negative pins of the input and output capacitors
and the GND pin must be connected to the ground plane
of the load.
5. Keep V
IN and VOUT traces as wide and short as possible.
Soft-Start Capacitor
The APL3546A has a built-in adjustable soft-start control
for user to set an optimum soft-start time for the
application. The soft-start time can be calculated by the
equation, described in the paragraph of Soft-Start in Func-
tional Description section. The soft-start time will become
internally controlled as if there is no C
SS, tSS=2ms when
V
IN=12V. Please note that there minimum value of soft
start capacitor in different VIN input voltage. Please make
sure the C
SS is in the recommended value.
Layout Consideration
The current limit can be set by connecting resistor from
the current limit adjustable pin ISET to ground. The re-
quired value of resistor R
ISET for current limit is calcuated
as follows:
Current Limit Setting
LIM
ISET
I
/
510000
R
=
A 1
µF ceramic bypass capacitor from V
IN to GND, located
near the APL3546A, is strongly recommended to suppress
the ringing during short-circuit fault event. Without the by-
pass capacitor, the output short may cause sufficient ring-
ing on the input (from supply lead inductance) to damage
internal control circuitry.
Power Sequencing
At start-up, it is necessary to ensure that the V
IN and EN are
sequenced correctly.
VIN
EN
EN
threshold


Similar Part No. - APL3546A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3546 ANPEC-APL3546 Datasheet
493Kb / 17P
   Power -Distribution Switches with Soft Start
APL3546KAI-TRG ANPEC-APL3546KAI-TRG Datasheet
493Kb / 17P
   Power -Distribution Switches with Soft Start
APL3546KI-TRG ANPEC-APL3546KI-TRG Datasheet
493Kb / 17P
   Power -Distribution Switches with Soft Start
APL3546QBI-TRG ANPEC-APL3546QBI-TRG Datasheet
493Kb / 17P
   Power -Distribution Switches with Soft Start
More results

Similar Description - APL3546A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3546 ANPEC-APL3546 Datasheet
493Kb / 17P
   Power -Distribution Switches with Soft Start
APL3512 ANPEC-APL3512 Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
APL3514 ANPEC-APL3514 Datasheet
328Kb / 21P
   Power-Distribution Switches with Soft Start
logo
Unisonic Technologies
L1806G-SH2-R UTC-L1806G-SH2-R Datasheet
241Kb / 7P
   With internal Soft-Start
logo
Texas Instruments
TPS63051 TI1-TPS63051 Datasheet
2Mb / 27P
[Old version datasheet]   SINGLE INDUCTOR BUCK-BOOST WITH 1A SWITCHES AND ADJUSTABLE SOFT START
TPS63050 TI1-TPS63050_14 Datasheet
3Mb / 35P
[Old version datasheet]   Single Inductor Buck-Boost with 1A Switches and Adjustable Soft Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com