Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2111AN2C Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # TMC2111AN2C
Description  Variable-Length Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2111AN2C Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button TMC2111AN2C Datasheet HTML 4Page - Fairchild Semiconductor TMC2111AN2C Datasheet HTML 5Page - Fairchild Semiconductor TMC2111AN2C Datasheet HTML 6Page - Fairchild Semiconductor TMC2111AN2C Datasheet HTML 7Page - Fairchild Semiconductor TMC2111AN2C Datasheet HTML 8Page - Fairchild Semiconductor TMC2111AN2C Datasheet HTML 9Page - Fairchild Semiconductor TMC2111AN2C Datasheet HTML 10Page - Fairchild Semiconductor TMC2111AN2C Datasheet HTML 11Page - Fairchild Semiconductor TMC2111AN2C Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
TMC2011A/2111A
11
Mechanical Dimensions (continued)
28-Lead PLCC Package
D
e
E
A
.165
.180
4.19
4.57
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
E1
J
D1
A
A1
A2
B
B1
D3/E3
J
– C –
ccc C
LEAD COPLANARITY
A1
.090
.120
2.29
3.05
A2
.020
.51
——
B
.013
.021
.33
.53
D/E
.485
.495
12.32
12.57
D1/E1
.450
.456
11.43
11.58
D3/E3
.300 BSC
7.62 BSC
e
.050 BSC
1.27 BSC
J
.042
.048
1.07
1.22
2
3
ND/NE
7
7
N28
28
ccc
.004
0.10
——
B1
.026
.032
.66
.81
Notes:
1.
2.
3.
All dimensions and tolerances conform to ANSI Y14.5M-1982
Corner and edge chamfer (J) = 45
¡
Dimension D1 and E1 do not include mold protrusion. Allowable
protrusion is .101" (.25mm)


Similar Part No. - TMC2111AN2C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2111AN2C CADEKA-TMC2111AN2C Datasheet
179Kb / 12P
   Variable-Length Shift Register
TMC2111AN2C1 CADEKA-TMC2111AN2C1 Datasheet
179Kb / 12P
   Variable-Length Shift Register
More results

Similar Description - TMC2111AN2C

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
TMC2011A CADEKA-TMC2011A Datasheet
179Kb / 12P
   Variable-Length Shift Register
logo
Nippon Precision Circui...
SM5824N NPC-SM5824N Datasheet
143Kb / 6P
   Variable Length Static Shift Register
SM5839A NPC-SM5839A Datasheet
83Kb / 8P
   High-Speed Variable-Length Shift Register
logo
LOGIC Devices Incorpora...
L10C11 LODEV-L10C11 Datasheet
66Kb / 6P
   4/8-bit Variable Length Shift Register
logo
ON Semiconductor
MC14557 ONSEMI-MC14557_04 Datasheet
90Kb / 8P
   1-to-64 Bit Variable Length Shift Register
June, 2004 ??Rev. 5
logo
Nexperia B.V. All right...
HEF4557B NEXPERIA-HEF4557B Datasheet
755Kb / 16P
   1-to-64 bit variable length shift register
Rev. 7 - 1 April 2016
logo
Nippon Precision Circui...
SM5829P NPC-SM5829P Datasheet
231Kb / 8P
   High-speed, 8-bit Variable-length Shift Register
logo
NXP Semiconductors
HEF4557B PHILIPS-HEF4557B Datasheet
78Kb / 7P
   1-to-64 bit variable length shift register
January 1995
logo
Motorola, Inc
MC14557B MOTOROLA-MC14557B Datasheet
206Kb / 6P
   1-TO-64 BIT VARIABLE LENGTH SHIFT REGISTER
logo
Hitachi Semiconductor
HD14557B HITACHI-HD14557B Datasheet
75Kb / 5P
   1-to-64-bit Variable Length Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com