Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3519CKI-TRG Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL3519CKI-TRG
Description  USB Power-Distribution Switches
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3519CKI-TRG Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL3519CKI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APL3519CKI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APL3519CKI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APL3519CKI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APL3519CKI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APL3519CKI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APL3519CKI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APL3519CKI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APL3519CKI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Apr., 2011
APL3518/9
www.anpec.com.tw
8
Typical Operating Characteristics (Cont.)
Output Voltage vs. Output Current
Output Voltage vs. Output Current
0
1
2
3
4
5
6
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
APL3518A/B, APL3519A/B,
V
IN = 5V, TA=25
o
C
0
0.5
1
1.5
2
2.5
APL3518C/D, APL3519C/D,
V
IN = 5V, TA=25
o
C
0
1
2
3
4
5
6
Output Current (A)


Similar Part No. - APL3519CKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510ABI-TRG ANPEC-APL3510ABI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AKI-TRG ANPEC-APL3510AKI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510AXI-TRG ANPEC-APL3510AXI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3510BBI-TRG ANPEC-APL3510BBI-TRG Datasheet
324Kb / 21P
   USB Power-Distribution Switches
More results

Similar Description - APL3519CKI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3555 ANPEC-APL3555 Datasheet
915Kb / 18P
   USB Power-Distribution Switches
APL3553G ANPEC-APL3553G Datasheet
926Kb / 18P
   USB Power-Distribution Switches
APL3510 ANPEC-APL3510 Datasheet
324Kb / 21P
   USB Power-Distribution Switches
APL3520A ANPEC-APL3520A Datasheet
397Kb / 27P
   USB Dual Power-Distribution Switches
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com