Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL111750VC-TRL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL111750VC-TRL
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL111750VC-TRL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL111750VC-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APL111750VC-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APL111750VC-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL111750VC-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL111750VC-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL111750VC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL111750VC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL111750VC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL111750VC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. C.10 - Sep., 2010
APL1117
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
1A Low Dropout Fast Response Positive Adjustable Regulator and
Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
General Description
The APL1117 is a low dropout three-terminal adjustable
regulators with 1A output current capability. In order to
obtain lower dropout voltage and faster transient
response, which is critical for low voltage applications,
the APL1117 has been optimized. The device is available
in an adjustable version and fixed output voltages of 1.2V,
1.8V, 2.5V, 2.85V, 3.3V, and 5V. The output available volt-
age range of an adjustable version is from 1.25 to 10.7V
with an input supply below 12V. Dropout voltage is guar-
anteed at a maximum of 1.3V at 1A. Current limit is
trimmed to ensure specified output current and controlled
short-circuit current. On-chip thermal limiting provides
protection against any combination of overload that would
create excessive junction temperatures. The APL1117 is
available in the industry standard 3-pin TO-220, TO-252-
3, TO-263-3, and the low profile surface mount SOT-223
power packages which can be used in applications where
space is limited.
Guaranteed Output Voltage Accuracy within 2%
Fast Transient Response
Guaranteed Dropout Voltage at Multiple Currents
Load Regulation : 0.1% Typ.
Line Regulation : 0.03% Typ.
Low Dropout Voltage : 1.1V Typ. at I
OUT =1A
Current-Limit : 1A Typ. at T
J=25°C
On-Chip Thermal Limiting : 150°C Typ.
Adjustable Output : 1.25~10.7V
Standard 3-pin TO-220, TO-252-3, TO-263-3 and
SOT-223 Power Packages
Lead Free and Green Devices Available
(RoHS Compliant)
Features
Applications
Active SCSI Terminators
Low Voltage Logic Supplies
Post Regulator for Switching Power Supply
Simplified Application Circuits
* C1 improves ripple rejection.
X
C should be approximately
equal to R1 at ripple frequency
* Needed if device is far from filter capacitors
1.25V to 10.7V Adjustable Regulator
Improving Ripple Rejection
V
IN
10
µF
121
365
1%
1%
V
OUT
150
µF
10
µF
C1
R1
R2
+
+
APL1117
OUT
ADJ
IN
5V Regulator with Shutdown
VOUT = 1.250V X
R1 + R2
R1
V
IN
10
µ F
C
1*
+
R1
R2
1k
APL1117
OUT
IN
ADJ
+
100
µ F
C
2
121
V
OUT1


Similar Part No. - APL111750VC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TR ANPEC-APL1117-18FC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18FC-TU ANPEC-APL1117-18FC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TR ANPEC-APL1117-18GC-TR Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117-18GC-TU ANPEC-APL1117-18GC-TU Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results

Similar Description - APL111750VC-TRL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com